Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV931-N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV931-N
Description  Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV931-N Datasheet(HTML) 4 Page - Texas Instruments

  LMV931-N Datasheet HTML 1Page - Texas Instruments LMV931-N Datasheet HTML 2Page - Texas Instruments LMV931-N Datasheet HTML 3Page - Texas Instruments LMV931-N Datasheet HTML 4Page - Texas Instruments LMV931-N Datasheet HTML 5Page - Texas Instruments LMV931-N Datasheet HTML 6Page - Texas Instruments LMV931-N Datasheet HTML 7Page - Texas Instruments LMV931-N Datasheet HTML 8Page - Texas Instruments LMV931-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LMV931-N, LMV931-N-Q1
LMV932-N, LMV932-N-Q1, LMV934-N, LMV934-N-Q1
SNOS993O – NOVEMBER 2001 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2).
MIN
MAX
UNIT
Supply voltage ( V+– V)
–0.3
6
Differential input voltage
V-
V+
V
Voltage at input/output pins
(V- ) - 0.3
(V+) + 0.3
Junction temperature(3)
–40
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is intended to be functional, but specific performance is not specified. For specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
The maximum power dissipation is a function of TJ(max) , RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max)–TA)/RθJA. All numbers apply for packages soldered directly into a PC board.
6.2 Handling Ratings - Commercial
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
–2000
2000
001, all pins(1) (2)
Electrostatic
V(ESD)
Charged device model (CDM), per JEDEC specification
V
discharge
–750
750
JESD22-C101, all pins(3)
Machine Model (MM)(4)
–200
200
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(3)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
(4)
Machine model, 200
Ω in series with 100-pF.
6.3 Handling Ratings - Automotive
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per AEC Q100-002(1)
–2000
2000
V(ESD)
Electrostatic discharge
Charged device model (CDM), per AEC Q100-011
–750
750
V
Machine Model (MM)(2)
–200
200
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(2)
Machine model, 200
Ω in series with 100-pF.
6.4 Recommended Operating Ratings
See
(1).
MIN
MAX
UNIT
Supply Voltage Range ( V+– V)
1.8
5.5
V
Temperature Range
−40
125
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is intended to be functional, but specific performance is not specified. For specifications and the test
conditions, see the Electrical Characteristics.
6.5 Thermal Information
LMV921
LMV922
LMV924
THERMAL METRIC(1)
DCK
DBV
DGK
D
DGK
D
UNIT
5 PINS
8 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
414
265
235
175
155
127
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1


Similar Part No. - LMV931-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Similar Description - LMV931-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com