Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EATVS-4 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # EATVS-4
Description  AUTOMATIC TEMPERATURE AND VELOCITY SCANNER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

EATVS-4 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  EATVS-4 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For further technical information, please contact Advanced Thermal
Solutions, Inc. at 1-781-769-2800 or www.qats.com
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
R5_0215
TEMPERATURE & VELOCITY MEASUREMENT
FEATURES:
» Single Sensor Technology
The only system that can
measure both temperature
and air velocity with a single
sensor
» Accuracy and Ease of Use
Offers research quality results
with the ease of use of hand-
held meter
» Up to 8 Sensors
For simultaneous single point
measurement of air velocity &
temperature
» Connection
Requires a PC to operate
and is compatible via USB
port
» High & Low Speed Calibration
Sensors are calibrated for
both low (natural convection)
and high velocity flows from
0 to 51 m/s (10,000 ft/min)
» stageVIEWTM Software
For automated data
acquisition, reporting and
special thermal analysis
module for quick evaluation
of component temperature
» Sensor Ports
Measure velocity and
temperature through the
ports holes
» Free Lifetime Tech Support
eATVS-4 & eATVS-8TM
AUTOMATIC TEMPERATURE AND VELOCITY SCANNER
OVERALL DIMENSIONS (D X W X H)
235 mm x 134 mm x 64 mm
(9.25” x 5.25” x 2.5”)
TEMPERATURE RANGE
-20 OC to 120 OC ± 1 OC
FLOW RANGE
0 to 51 m/s (0 to 10,000 ft/min) (± 2%)
NUMBER OF CHANNELS
eATVS-4: Up to 4
eATVS-8: Up to 8
SOFTWARE
stageVIEWTM
POWER
110V or 220V
WEIGHT
2 kg (4 lbs.)
CONNECTION
USB port
Innovation in Thermal ManagementTM
www .qats.com
ATVS-2020
Automatic Temperature & Velocity Scanner
Technical Data
stageVIEWTM SOFTWARE
Control Panel
Data Center
The ATVS-2020™ is a patented multi-
channel Hot Wire Anemometer system
designed for measuring air temperature
and velocity in applications where single-
or multi-point measurements are
required. The unique and patented sensors
are designed to be flexible, robust and
low profile to minimize flow disturbance.
They can be easily placed anywhere in
the test domain. The use of a single sensor to measure both temperature and velocity eliminates
errors introduced as a result of the flow being non-isothermal.
The ATVS-2020™ is a scientific instrument. Great care is taken in the calibration process of each
sensor. The system can accommodate up to 32 channels (sensors) for easy and accurate mapping
of the velocity and temperature fields of the test domain.
The ATVS-2020™ is a portable system that can handle a variety of thermal measurement tasks.
The system requires a PC for its operation and uses the stageVIEWTM software for data acquisi-
tion and reporting.
• Max. No of Channels
32
• Temperature Range
-30°C to 150°C ±1°C at temperature
• Velocity Range
0 to 51 m/s (10,000 ft/min) ± 2% at velocity
• Measurement duration
Unlimited (PC storage dependent)
• Depth
11.0” (27.9cm)
• Width
13.5” (34.3cm)
• Height
5.3” (13.5cm)
• Weight
10 lbs (5 kg)
• Computer Interface
RS232 port
• stageVIEWTM software has a thermal analysis module for quick
evaluation of component temperature
• Requires 110V VAC or 220V VAC(international) power
• Sensor transparent channel
• Fully automated data acquisition & reduction
• ATVS-2020™ handles up to
32 sensors for simultaneous
single point measurement of
air temperature & velocity.*
• ATVS-2020™ measures air
temperature, velocity and
surface temperatures.
• ATVS-2020™ allows for the
sensors to be used in any
channel.
• ATVS-2020™ is the only
system available today that
can measure both tempera-
ture and air velocity with a
single sensor.
• ATVS-2020™ sensors are
calibrated for both low
(natural convection) and
high velocity flows.
• The data measured by
ATVS-2020™ can be auto-
matically averaged for
quick results.
• ATVS-2020™ requires a PC
to operate and is compatible
via an RS-232 port.
• ATVS-2020™ uses the
same sensor to measure the
full range of flow (0 to
10,000 ft/min).
• ATVS-2020™ offers
research quality results with
the ease of use of hand-held
meters.
• ATVS-2020™ uses
stageVIEW™ for data acqui-
sition and reporting
applications.
*Using Microbead element
ATVS-2020™ Features
Innovation in Thermal ManagementTM
www .qats.com
ATVS-2020
Automatic Temperature & Velocity Scanner
Technical Data
stageVIEWTM SOFTWARE
Control Panel
Data Center
The ATVS-2020™ is a patented multi-
channel Hot Wire Anemometer system
designed for measuring air temperature
and velocity in applications where single-
or multi-point measurements are
required. The unique and patented sensors
are designed to be flexible, robust and
low profile to minimize flow disturbance.
They can be easily placed anywhere in
the test domain. The use of a single sensor to measure both temperature and velocity eliminates
errors introduced as a result of the flow being non-isothermal.
The ATVS-2020™ is a scientific instrument. Great care is taken in the calibration process of each
sensor. The system can accommodate up to 32 channels (sensors) for easy and accurate mapping
of the velocity and temperature fields of the test domain.
The ATVS-2020™ is a portable system that can handle a variety of thermal measurement tasks.
The system requires a PC for its operation and uses the stageVIEWTM software for data acquisi-
tion and reporting.
• Max. No of Channels
32
• Temperature Range
-30°C to 150°C ±1°C at temperature
• Velocity Range
0 to 51 m/s (10,000 ft/min) ± 2% at velocity
• Measurement duration
Unlimited (PC storage dependent)
• Depth
11.0” (27.9cm)
• Width
13.5” (34.3cm)
• Height
5.3” (13.5cm)
• Weight
10 lbs (5 kg)
• Computer Interface
RS232 port
• stageVIEWTM software has a thermal analysis module for quick
evaluation of component temperature
• Requires 110V VAC or 220V VAC(international) power
• Sensor transparent channel
• Fully automated data acquisition & reduction
• ATVS-2020™ handles up to
32 sensors for simultaneous
single point measurement of
air temperature & velocity.*
• ATVS-2020™ measures air
temperature, velocity and
surface temperatures.
• ATVS-2020™ allows for the
sensors to be used in any
channel.
• ATVS-2020™ is the only
system available today that
can measure both tempera-
ture and air velocity with a
single sensor.
• ATVS-2020™ sensors are
calibrated for both low
(natural convection) and
high velocity flows.
• The data measured by
ATVS-2020™ can be auto-
matically averaged for
quick results.
• ATVS-2020™ requires a PC
to operate and is compatible
via an RS-232 port.
• ATVS-2020™ uses the
same sensor to measure the
full range of flow (0 to
10,000 ft/min).
• ATVS-2020™ offers
research quality results with
the ease of use of hand-held
meters.
• ATVS-2020™ uses
stageVIEW™ for data acqui-
sition and reporting
applications.
*Using Microbead element
ATVS-2020™ Features
stageVIEWTM software for automated data acquisition and reduction
The eATVS-4™ and eATVS-8™ Automatic
Temperature and Velocity Scanners
are portable, 4- and 8-channel hot wire
anemometer systems. Fully automated, these
research-quality instruments take accurate
single- or multi-point measurements of air
temperature, velocity and surface temperature
in complex environments, such as PCBs
and electronics enclosures. When used as
temperature loggers, they can measure both
fluid and solid temperatures.
Usable in rackmount or desktop configurations, eATVS-4™ and eATVS-8™ employ patented,
fast response, omni-directional sensors, which measure both temperature and velocity. This
patented single-sensor technology eliminates errors introduced as a result of air flow being non-
isothermal. Each precisely calibrated sensor is flexible
and robust with a low-profile configuration that allows
minimally intrusive mounting throughout the peaks and
valleys created by the PCB components. These systems
require a PC to operate and utilize the stageVIEW™
software for data acquisition and reporting.


Similar Part No. - EATVS-4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
EAT809-S SEOUL-EAT809-S Datasheet
902Kb / 25P
White PLCC2 Amber Color
logo
List of Unclassifed Man...
EATOUCH102-1 ETC2-EATOUCH102-1 Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
EATOUCH128-1 ETC2-EATOUCH128-1 Datasheet
771Kb / 9P
DOGM GRAPHIC SERIES 128x64 DOTS
EATOUCH128-29C1 ETC-EATOUCH128-29C1 Datasheet
1Mb / 10P
INCL CONTROLLER SSD1309 FOR SPI AND I²C
Issue 02.2022
EATOUCH160-1 ETC2-EATOUCH160-1 Datasheet
819Kb / 9P
DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
More results

Similar Description - EATVS-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
20413 TI-20413 Datasheet
186Kb / 6P
Snap-Action Automatic and Manual reset Fixed Temperature Thermostats
logo
Extech Instruments Corp...
407114 EXTECH-407114 Datasheet
168Kb / 8P
CFM Thermo Anemometer Air Velocity, Air Flow, and Temperature
logo
Omron Electronics LLC
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
MEMS Air Velocity Sensor
logo
Advanced Thermal Soluti...
IQ-200 ATS-IQ-200 Datasheet
606Kb / 1P
MEASURE TEMPERATURE, VELOCITY & PRESSURE WITH ONE SYSTEM
R2_0215
logo
Pepperl+Fuchs Inc.
FLT-8-HW-2800-CLS PF-FLT-8-HW-2800-CLS Datasheet
868Kb / 5P
Area scanner
VB14N-600-T PF-VB14N-600-T Datasheet
1Mb / 5P
Barcode scanner
VB14N-300-R-6102 PF-VB14N-300-R-6102 Datasheet
1Mb / 6P
Barcode scanner
VB14N-600-R-6102 PF-VB14N-600-R-6102 Datasheet
1Mb / 6P
Barcode scanner
VB14N-400-T-R PF-VB14N-400-T-R Datasheet
1Mb / 5P
Barcode scanner
logo
E+E Elektronik Ges.m.b....
EE680 EPLUSE-EE680 Datasheet
1Mb / 10P
Air Velocity and Temperature Sensor for Laminar Flow
03-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com