Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OWA-120U-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # OWA-120U-24
Description  120W Single Output Moistureproof Adaptor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

OWA-120U-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  OWA-120U-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. OWA-120U-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. OWA-120U-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. OWA-120U-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. OWA-120U-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATION
120W Single Output Moistureproof Adaptor
OWA-120U series
File Name:OWA-120U-SPEC 2015-09-07
MODEL
DC VOLTAGE
RATED CURRENT
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME Note.4
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
POWER FACTOR (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
MAX. NO. of PSUs on 16A
CIRCUIT BREAKER
LEAKAGE CURRENT
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER CURRENT
OVER VOLTAGE
OVER TEMPERATURE
500ms, 80ms at 95% load
230VAC / 115VAC
16ms at full load
230VAC / 115VAC
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
PF>0.97/115VAC, PF>0.96/230VAC at full load
1.3A / 115VAC
0.65A / 230VAC
<0.125mA / 120VAC
<0.25mA / 240VAC
95 ~ 108%
Protection type : Constant current limiting, recovers automatically after fault condition is removed
-40 ~ +70
(Refer to "Derating Curve")
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
294.3K hrs min.
MIL-HDBK-217F (25
)
191*63*37.5mm
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel
capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
PROTECTION
Shut down o/p voltage, re-power on to recover
SHORT CIRCUIT
Hiccup mode, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
COLD START 30A(twidth=520 s measured at 50% Ipeak) at 115VAC
COLD START 60A(twidth=520 s measured at 50% Ipeak) at 230VAC
4 units (circuit breaker of type B) / 6 units (circuit breaker of type C) at 230VAC
15 ~ 17V
17.5 ~ 21V 23 ~ 27V
28 ~ 34V
34 ~ 40V
41 ~ 46V
46 ~ 54V
54 ~ 60V
59 ~ 66V
±4.0%
±4.0%
±4.0%
±4.0%
±3.0%
±2.0%
±1.0%
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±2.0%
±1.5%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
12V
15V
20V
24V
30V
36V
42V
48V
54V
OWA-120U-12 OWA-120U-15 OWA-120U-20 OWA-120U-24 OWA-120U-30 OWA-120U-36 OWA-120U-42 OWA-120U-48 OWA-120U-54
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
250mVp-p
250mVp-p
350mVp-p
10A
8A
6A
5A
4A
3.4A
2.9A
2.5A
2.3A
120W
120W
120W
120W
120W
122.4W
121.8W
120W
124.2W
SAFETY &
EMC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
SAFETY STANDARDS
Compliance to FCC Part15
EMC EMISSION
UL8750 listed, CSA C22.2 No. 250.13-12; IP67(for power body) approved
TOTAL HARMONIC DISTORTION THD< 20% when output loading
60% at 115VAC/230VAC
μ
μ
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
CONSTANT CURRENT REGION
9 ~ 15V
7.2 ~ 12V
12 ~ 20V
14.4 ~ 24V 18 ~ 30V
21.6 ~ 36V
28.8 ~ 48V 32.4 ~ 54V
25.2 ~ 42V
1.15Kg; 12pcs/14.8Kg/0.89CUFT
87%
87.5%
88%
89%
89%
90%
89.5%
90.5%
89%
90%
89%
90%
89.5%
90.5%
89.5%
90.5%
89.5%
90.5%
115VAC
230VAC
EFFICIENCY
(Typ.)


Similar Part No. - OWA-120U-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-12 MEANWELL-OWA-120E-12 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-15 MEANWELL-OWA-120E-15 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-20 MEANWELL-OWA-120E-20 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-24 MEANWELL-OWA-120E-24 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
More results

Similar Description - OWA-120U-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-90U MEANWELL-OWA-90U Datasheet
116Kb / 6P
   90W Single Output Moistureproof Adaptor
OWA-200E MEANWELL-OWA-200E Datasheet
734Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-200U MEANWELL-OWA-200U Datasheet
714Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-60U MEANWELL-OWA-60U Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-90E MEANWELL-OWA-90E Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
logo
Mean Well Enterprises C...
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
GC120 MEANWELL-GC120 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com