Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWT-106 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # CWT-106
Description  CUSTOMIZED RESEARCH QUALITY WIND TUNNEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

CWT-106 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  CWT-106 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For further technical information, please contact Advanced Thermal
Solutions, Inc. at 1-781-769-2800 or www.qats.com
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
R3_0215
OPEN LOOP WIND TUNNEL
FEATURES:
» Multiple PCB Testing
Test actual or simulated PCBs
for thermal and flow distribution
» Flow Visualization
Observe air flow distribution
in the tunnel by smoke or
buoyant bubbles through the
all PlexiglasTM test section
» Flow Characteristics
High quality flow with very low
turbulence intensity
» Heat Sink Characterization
Characterize a variety of heat
sink sizes for natural and forced
convection cooling
» Heat Sink Comparison
Test two heat sinks side by
side and compare their thermal
performance in the same
environment
» Component Testing
Utilize for individual or
multiple component testing
» Variable Speed
Change air flow rates by
controlling the fan RPM
» Quick Access
Quickly change the test specimen
through the test section cover
» Sensor Ports
Measure pressure, velocity
and temperature through
the sensor ports
» Sensor Calibration
Uniform velocity profile at the
testing section allows accurate
calibration of sensors
» Free Lifetime Tech Support
APPLICATIONS:
» Telecommunications
» Thermal Management
» Medical Instrumentation
» Automotive
» Chemical
» University Research
CWT-106
CUSTOMIZED RESEARCH QUALITY WIND TUNNEL
The
CWT-106™ is a research quality wind tunnel designed
for multiple PCB and component level testing. It is used in air
flow characterization and flow visualization, thermal resistance
measurements and generation of P-Q curves. The large test
section (24 x 24 x 6") is designed to accommodate multiple
PCBs as seen in a typical ATCA chassis.
The wind tunnel can also be used to characterize different
heat sink sizes for natural and forced convection cooling.
Multiple heat sinks can be tested side by side to determine
their thermal performance in the same environment.
The
CWT-106™ produces uniform air flows of up to 6 m/s
(1200 ft/min). Air is drawn into the tunnel with up to five variable
DC fans mounted at the exhaust section of the tunnel. These
fans are mounted on a tray and can be easily replaced with
another tray to accommodate larger or smaller fans,
should different air flow ranges be required.
An internal flow management system, with honeycombs and screens, breaks up
turbulence and provides uniform and homogeneous flow in the test section.
The
CWT-106™ can be operated both vertically and horizontally and features a
Plexiglas™ test section for ease of flow visualization.
The
CWT-106™ includes 18 sensor ports in front and on the sides of the test section
for the insertion of a variety of probes, such as thermocouples, Pitot tubes, velocity
measuring sensors, etc.
PCBs are mounted on a flexible railing in the test section.
The flexibility of the movable mounting plate allows users
to design and build their own modifications to suit specific
needs. The mounting plate can be adjusted in two directions
using appropriate length standoffs.
* Power supply not included.
RECOMMENDED ACCESSORIES:
OVERALL DIMENSIONS (L X W X D)
195.6 x 101.6 x 84.8 cm
76.9 x 40 x 33.4”
TEST SECTION
61 x 61 x 15.2 cm
24 x 24 x 6”
NUMBER OF SENSOR PORTS
18
FLOW RANGE
0 to 6 m/s (0 to 1200 ft/min)
WEIGHT
72 kg (159 lbs.)
POWER SUPPLY REQUIREMENTS
24VDC at 5.4 Amps
WTC-100TM
Wind Tunnel
Controller
ATVS-NxTTM
Hot Wire
Anemometer
HP-97TM
Component
Simulator
Candlestick
Sensor


Similar Part No. - CWT-106

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
CWT-100 ATS-CWT-100 Datasheet
538Kb / 1P
   CONTROLLED OPEN LOOP WIND TUNNEL
R3_0215
CWT-108 ATS-CWT-108 Datasheet
594Kb / 1P
   UNIQUE OPEN LOOP WIND TUNNEL FOR THERMAL CHARACTERIZATION OF COMPONENTS, BOARDS AND HEAT SINKS
R3_0215
More results

Similar Description - CWT-106

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
BWT-104 ATS-BWT-104 Datasheet
624Kb / 1P
   RESEARCH QUALITY BENCHTOP WIND TUNNEL
R3_0215
BWT-100 ATS-BWT-100 Datasheet
495Kb / 1P
   RESEARCH QUALITY BENCHTOP WIND TUNNEL
R6_0515
CLWT-100 ATS-CLWT-100 Datasheet
400Kb / 1P
   RESEARCH QUALITY, CLOSED LOOP WIND TUNNEL
R1_0215
WTC-100 ATS-WTC-100 Datasheet
623Kb / 1P
   WIND TUNNEL CONTROLLER
R3_0215
CWT-100 ATS-CWT-100 Datasheet
538Kb / 1P
   CONTROLLED OPEN LOOP WIND TUNNEL
R3_0215
CWT-PCB ATS-CWT-PCB Datasheet
1Mb / 1P
   TEST MULTIPLE PCBs IN WIND TUNNEL
R3_0215
logo
Laird Tech Smart Techno...
S24497P LSTD-S24497P Datasheet
345Kb / 2P
   Research institute
logo
Advanced Thermal Soluti...
CLWT-115 ATS-CLWT-115 Datasheet
431Kb / 1P
   BENCHTOP CLOSED LOOP WIND TUNNEL FOR ELEVATED TEMPERATURE TESTING OF BOARDS AND COMPONENTS
R1_0215
CLWT-067 ATS-CLWT-067 Datasheet
397Kb / 1P
   BENCHTOP CLOSED LOOP WIND TUNNEL FOR ELEVATED TEMPERATURE TESTING OF BOARDS AND COMPONENTS
R4_0215
CWT-108 ATS-CWT-108 Datasheet
594Kb / 1P
   UNIQUE OPEN LOOP WIND TUNNEL FOR THERMAL CHARACTERIZATION OF COMPONENTS, BOARDS AND HEAT SINKS
R3_0215
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com