Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KNIGHT_TW_1KL Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # KNIGHT_TW_1KL
Description  Microprocessor control optimizes reliability
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

KNIGHT_TW_1KL Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  KNIGHT_TW_1KL Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
Suitable for All Electrical Device
FEATURES
•True double-conversion
•Microprocessor control optimizes reliability
•Input power factor correction
•Output power factor 0.8
•Wide input voltage (110 V – 300 V)
•C onverter mode available
•EC O mode for energy saving
•Generator compatible
•C harger capacity expansion to 6A for long-run models
•Smart SNMP works well with either USB or RS-232
together
•C omprehensive display allows easy monitoring and
access of UPS status
INPUT
Capacity :
1000 VA / 800 W
Voltage:
110VAC or 220/230/240 VAC
Voltage Range:
145-300 VAC
F requency Range:
40Hz ~ 70 Hz
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
±1 %
F requency Range
(Batt. Mode):
47~ 53 Hz or 57 ~ 63 Hz
Wav eform
(Batt. Mode):
Pure Slin Wave
BATTERY
Battery Ty pe:
NONE
Battery Number:
NONE
Ty pical Recharge
Time:
NONE
SAFETY STANDARD APPAOVAL
PROTECTION
F ull Protection:
Overload, Discharge, and
Overcharge Protection
PHYSICAL
Output Receptacles:
India, French, Schuko,
NEMA, and IEC ions
Dimension:
397mm(L) x 145mm(W) x
220mm(H)
Net Weight (kgs):
7
OPERATING ENVIRONMENT
Humidity :
20-90% RH @ 0-40(non-
condensing)
Noise Lev el:
Less than 50dB @ 1 Meter
MANAGEMENT
Optional USB/RS-232
Port:
Supports Windows
2000/2003/XP/Vista/2008/7,
Linux, Unix, and MAC
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
Knight TW 1K(L)


Similar Part No. - KNIGHT_TW_1KL

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
KNIGHT_TW_1K FSP-KNIGHT_TW_1K Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
More results

Similar Description - KNIGHT_TW_1KL

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
CHAMP_TW_1K FSP-CHAMP_TW_1K Datasheet
152Kb / 1P
Microprocessor control optimizes reliability
CHAMP_TW_2K FSP-CHAMP_TW_2K Datasheet
153Kb / 1P
Microprocessor control optimizes reliability
CHAMP_TW_3K FSP-CHAMP_TW_3K Datasheet
152Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_1.5K FSP-KNIGHT_TW_1.5K Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_1.5KL FSP-KNIGHT_TW_1.5KL Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_1K FSP-KNIGHT_TW_1K Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_2K FSP-KNIGHT_TW_2K Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_2KL FSP-KNIGHT_TW_2KL Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_3K FSP-KNIGHT_TW_3K Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_3KL FSP-KNIGHT_TW_3KL Datasheet
68Kb / 1P
?줞icroprocessor control optimizes reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com