Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1018 Datasheet(PDF) 7 Page - AUK corp

Part # SL1018
Description  FM IF SYSTEM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL1018 Datasheet(HTML) 7 Page - AUK corp

  SL1018 Datasheet HTML 1Page - AUK corp SL1018 Datasheet HTML 2Page - AUK corp SL1018 Datasheet HTML 3Page - AUK corp SL1018 Datasheet HTML 4Page - AUK corp SL1018 Datasheet HTML 5Page - AUK corp SL1018 Datasheet HTML 6Page - AUK corp SL1018 Datasheet HTML 7Page - AUK corp SL1018 Datasheet HTML 8Page - AUK corp SL1018 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
KSI-W016-000
7
Typical Performance Characteristics
SL1018
0
1
2
3
4
5
V 14 - △f
F r e q u e nc y De t u ne f (KHz)
-200
-100
200
100
0
V IN = 100d Bu
f IN = 10.7 MHz
0
20
10
0
5
4
3
2
1
30
P i n 6 V o l tag e V 6 (V )
M A - V 6 (22K)
Vc c = 8V
P I N5-G ND=100KΩ
V OD , A M R , T HD, S /N-V IN
I n p u t V o l tag e V IN (dBu )
40
20
-80
-70
-60
-50
-40
-30
-20
-10
10
0
0
120
100
80
60
Vc c = 8V
f = 10.7 MHz
400Hz -75KHz d e v .
V OD (0d B=260mV r ms )
S/N
THD
AMR
40
20
0
120
100
80
60
6
1
2
3
4
5
I n p u t V o l t ag e V IN (dBu )
f IN =10.7MHz ,u n mo d u l a t e d
V 14
V 15
V 16
R e s i s tan c e R 7 (Ω)
MBW - R 7
2
1K
2
10K
7
5
3
500
400
300
200
100
0
100K
7
5
3
Vc c = 8V
V IN = 100d Bu
0
1
2
3
4
5
V 14 - V 11
85
90
95
100
105
110
80
Q u ad r a tu re S ig n a l V 11 (d Bu )
V cc = 8V
T a = 25
o C
f IN = 10.7MHz u n mo d u l a t e d
V 14, V 15, V 16 - V IN


Similar Part No. - SL1018

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
More results

Similar Description - SL1018

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
   FM IF System
May 1999
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com