Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1018 Datasheet(PDF) 5 Page - AUK corp

Part # SL1018
Description  FM IF SYSTEM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL1018 Datasheet(HTML) 5 Page - AUK corp

  SL1018 Datasheet HTML 1Page - AUK corp SL1018 Datasheet HTML 2Page - AUK corp SL1018 Datasheet HTML 3Page - AUK corp SL1018 Datasheet HTML 4Page - AUK corp SL1018 Datasheet HTML 5Page - AUK corp SL1018 Datasheet HTML 6Page - AUK corp SL1018 Datasheet HTML 7Page - AUK corp SL1018 Datasheet HTML 8Page - AUK corp SL1018 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KSI-W016-000
5
Information On Muting Characteristics (continued)
Since the pin6 is connected to the base of the emitter ground
transistor through a protection resistor of 500Ω in series as shown
Fig.2. the voltage between pin6 and ground is about 0.7V when
the control current is applied. Actually, the muting operation is
accomplished by applying a muting drive output voltage(pin14) to
the pin6 through a high resistance(20kΩ )
The muting drive output is composed of three output devices:
Hole Detector output which develops a voltage when C/N
(carrier-to-noise ratio) is lower than weak signal input conditions.
A reversed output of the signal meter drive output.
A bandwidth limited muting drive output which develops a
voltage when the AFC output becomes higher than ±VBE during
tuning-off operation. All these output are led to an OR circuit and
the output is developed at pin14.
The inverted output of the signal meter drive output is obtained as shown Fig. 3.
By Fig. 3, V14 is given by V14 = Vr-(IO + I1 -al2)RL-VBE. Conditions are Vr=4.9V, IO ≅ 0.2
mA, a ≅ 2, RL=22kΩ , VBE=0.7V, I1=V15/R15 , I2=V16/ R16, where V16 is a constant equal to
4.1V(Typ.) for medium or lower signal input levels where the muting drive output is
required. Since the V15 increase proportionally to the increase of the input signal level, I1
will also increase, and the V14 will decrease. Thus the required muting drive output can be
obtained by selecting proper values of R15 and R16 . Increasing R15 makes the slope of the
curve for the muting drive output vs. antenna signal input decrease, or decreasing the R15
increase the slope of the curve.
SL1018
500
I6
500
6
- Fig. 2-
16
15
14
Vc c
Vr
I 1
In v e r t e r
In v e r t e r
In v e r t e r
I 1
I 1
aI 2
I 2
I L
I O
R L
R 15
R 16
Si g n a l
Me t e r
Ou t p u t
AGC
Ou t p u t
Mu t i n g
De t ect o r
Ou t p u t
I L = I O + I 1 - a I 2
I o : O f f s e t
-Fig. 3-


Similar Part No. - SL1018

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
More results

Similar Description - SL1018

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
   FM IF System
May 1999
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com