Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1018 Datasheet(PDF) 4 Page - AUK corp

Part # SL1018
Description  FM IF SYSTEM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL1018 Datasheet(HTML) 4 Page - AUK corp

  SL1018 Datasheet HTML 1Page - AUK corp SL1018 Datasheet HTML 2Page - AUK corp SL1018 Datasheet HTML 3Page - AUK corp SL1018 Datasheet HTML 4Page - AUK corp SL1018 Datasheet HTML 5Page - AUK corp SL1018 Datasheet HTML 6Page - AUK corp SL1018 Datasheet HTML 7Page - AUK corp SL1018 Datasheet HTML 8Page - AUK corp SL1018 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KSI-W016-000
4
Electrical Characteristics(continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Signal Meter Output 2
VSM2
VIN = 50dBμ
0.8
1.4
2
V
Signal Meter Output 3
VSM3
VIN = 70dBμ
1.6
2.4
3.2
V
Signal Meter Output 4
VSM4
VIN = 100dBμ
4.5
5.3
6
V
Muting Drive Output 1
VMD1
Quiescent
3.5
4.2
5
V
Muting Drive Output 2
VMD2
VIN = 100dBμ
0
0
0.3
V
AGC Output 1
VO (AGC)1 Quiescent
3.5
4.1
4.5
V
AGC Output 2
VO (AGC)2 VIN = 100dBμ
0
0.02
0.3
V
Offset Voltage 1
VOS1
Quiescent, Pin 7 to 13
-0.25
0
+0.25
V
Offset Voltage 2
VOS2
Quiescent, Pin 8 to 13
-0.5
0
+0.5
V
Information On Muting Characteristics
The muting operation is performed by an AF mute amplifier, the gain of which decreases
with the increased gain control current applied to the pin 6. (The control current is supplied
by a muting drive circuit and change continuously the gain of an AF mute amplifier) But the
gain does not decrease further when the control current reaches approximately 120 or
higher. The lower limit of the gain under this condition depends on a resistor connected
between the pin5 and the ground. And the more the resistance increases, the more the
gain decreases. Thus the maximum attenuation will be set by connecting the resistor
between the pin5 and the ground. Fig.1 shows the muting attenuation with different R5
between the pin5 and the ground.
SL1018
AF O u t p u t :
SL1018
5
6
8
R 5
I 6
P I N6 C u r r e n t I 6 (u A )
100
200
-10
-20
-30
R 5 = 20KΩ
R 5 = 100KΩ
0
- Fig. 1 -
SL1018


Similar Part No. - SL1018

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
More results

Similar Description - SL1018

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
   FM IF System
May 1999
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com