Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1018 Datasheet(PDF) 3 Page - AUK corp

Part # SL1018
Description  FM IF SYSTEM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL1018 Datasheet(HTML) 3 Page - AUK corp

  SL1018 Datasheet HTML 1Page - AUK corp SL1018 Datasheet HTML 2Page - AUK corp SL1018 Datasheet HTML 3Page - AUK corp SL1018 Datasheet HTML 4Page - AUK corp SL1018 Datasheet HTML 5Page - AUK corp SL1018 Datasheet HTML 6Page - AUK corp SL1018 Datasheet HTML 7Page - AUK corp SL1018 Datasheet HTML 8Page - AUK corp SL1018 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KSI-W016-000
3
Test Circuit
Electrical Characteristics
(Unless otherwise specified, Ta = 25℃, Vcc = 8V, f = 10.7MHz, VIN = 100dBμ , fm = 400Hz, Δ f = ±75kHz )
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Quiescent Current
ICCQ
Quiescent
15
21
27
mA
Supply Current
ICC
20
25
30
mA
Detector Output Level
VOD
200
260
320
mVrms
Input Limiting Sensitivity
VIN (lim) VOD = 3dB down
25
29
dBμ
Muting Sensitivity
VIN(mute) V14 = 2V
22
26
32
dBμ
Total Harmonic Distortion
THD
0.05
0.2
%
Signal to Noise Ratio
S/N
72
78
dB
Muting Attenuation (1)
MA1
V6 = 2V (22kΩ )
10
15
20
dB
Muting Attenuation (2)
MA2
V6 = 5V (22kΩ )
24
28
32
dB
Muting Bandwidth
MBW
V14 = 2V
140
210
370
kHz
AM Rejection Ratio
AMR
AM 1kHz 30% mod
50
63
dB
Signal Meter Output 1
VSM1
Quiescent
0
0.1
0.3
V
SL1018
15KHz
12dB/oct
L.P.F
SL1018
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vout
Vcc(8V)
Mute
Drive(V14)
VGC(V16)
Signal
METER
Output(V15)
Vref
AFC
Icc
V6
SW
22K
0.047uF
0.01uF
2.2uH
47K
+
+
4.7uF
R16
R15
R7
R8
FM SSG
100K
22K
0.047uF
33pF
75
0.47uF
300
330
0.047uF
0.047uF
0.047uF
4.7uF
100K
5.1K
22uH
L1
L2
L3
0.047uF
2.7K
10K
0.047uF
22K


Similar Part No. - SL1018

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
More results

Similar Description - SL1018

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
   FM IF System
May 1999
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com