Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM77 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM77
Description  CMOS Dual voltage detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM77 Datasheet(HTML) 1 Page - ELM Electronics

  ELM77 Datasheet HTML 1Page - ELM Electronics ELM77 Datasheet HTML 2Page - ELM Electronics ELM77 Datasheet HTML 3Page - ELM Electronics ELM77 Datasheet HTML 4Page - ELM Electronics ELM77 Datasheet HTML 5Page - ELM Electronics ELM77 Datasheet HTML 6Page - ELM Electronics ELM77 Datasheet HTML 7Page - ELM Electronics ELM77 Datasheet HTML 8Page - ELM Electronics ELM77 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
Vss-0.3 to 10.0
V
Input voltage(for detection voltage)
Vdet
Vss-0.3 to 10.0
V
Output voltage
Vout1
Vss-0.3 to 10.0
V
Vout2
Output current
Iout1
25
mA
Iout2
Power dissipation
Pd
250
mW
Operationg temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
ELM77xxxxxC CMOS Dual voltage detector
ELM77xxxxxC is CMOS dual voltage detector which consists of two comparator circuits watching Vdetn2
(Vdd level) and Vdetn1(Vdet input level) simultaneously and independently. This configuration enables output
to maintain the state of detection even when voltage of the Vdet input level drops to 0V.
■General description
■Features
■Application
• Reset for microcomputers
• Power voltage shortage detectors
• Switch of backup power source
• Battery checkers
■Maximum absolute ratings
• Detection voltage range
• Low current consumption
• High accuracy of
detection voltage
• High input resistance
• Low temperature coefficient
• Output configuration
• Small package
: Vdetn1 (Vdet) 0.8V to 5.0V (by0.1V)
Vdetn2 (Vdd) 1.1V to 5.0V (by0.1V)
: Typ.0.6μA(Vdd=3.0V)
: ±2.0%(Vdetn1,2>1.5V)
±30mV(Vdetn1,2≤1.5V)
: Typ.10MΩ
: Typ.±100ppm/°C
: N-ch open-drain
: SOT-25
10 -
ELM77xxxxxC-x
Symbol
a, b
Detection voltage2
e.g.)
22: Vdetn2=2.2V, 24: Vdetn2=2.4V
27: Vdetn2=2.7V
c, d
Detection voltage1 e.g.)
09: Vdetn1=0.9V, 11: Vdetn1=1.1V
e
Package
B: SOT-25
f
Product version
C
g
Taping direction
S: Refer to PKG file
N: Refer to PKG file
ELM77 x x x x x C - x
↑ ↑ ↑ ↑ ↑ ↑ ↑
a b c d e f g
■Selection guide


Similar Part No. - ELM77

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772209BC-N ELM-TECH-ELM772209BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772211BC-N ELM-TECH-ELM772211BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results

Similar Description - ELM77

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com