Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM77 Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM77
Description  CMOS Dual voltage detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM77 Datasheet(HTML) 7 Page - ELM Electronics

Back Button ELM77 Datasheet HTML 2Page - ELM Electronics ELM77 Datasheet HTML 3Page - ELM Electronics ELM77 Datasheet HTML 4Page - ELM Electronics ELM77 Datasheet HTML 5Page - ELM Electronics ELM77 Datasheet HTML 6Page - ELM Electronics ELM77 Datasheet HTML 7Page - ELM Electronics ELM77 Datasheet HTML 8Page - ELM Electronics ELM77 Datasheet HTML 9Page - ELM Electronics ELM77 Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
■Typical performance characteristics
ELM77xxxxxC CMOS Dual voltage detector
• ELM772211BC
Idd vs Vdd
1
1.02
1.04
1.06
1.08
1.1
1.12
1.14
1.16
1.18
1.2
-40
-20
0
20
40
60
80
Ambient Temperature (�)
Vdetn1
Vdetp1
Vhys1
Vdetn1, Vdetp1 vs Ta
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
Vdd (V)
-30�
25�
80�
Cond.
Rpullup=100K
Vpullup=3V
Ta=25�
Vout2 vs Vdd
2.1
2.12
2.14
2.16
2.18
2.2
2.22
2.24
2.26
2.28
2.3
2.32
-40
-20
0
20
40
60
80
Ambient Temperature (�)
Vdetn2
Vdetp2
Vhys2
Vdetn2, Vdetp2 vs Ta
0
0.5
1
1.5
2
2.5
3
3.5
0.8
0.9
1
1.1
1.2
1.3
1.4
Vdet (V)
-30�
25�
80�
Cond.
Rpullup=100K
Vpullup=3V
Ta=25�
Vout1 vs Vdet
10 -
� � � �
��� ��
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
6
Vdd (V)
80�
-30�
25�
Cond.
Vdet=0V
Vout1=Open
Vout2=Open
Ta=25�


Similar Part No. - ELM77

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772209BC-N ELM-TECH-ELM772209BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772211BC-N ELM-TECH-ELM772211BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results

Similar Description - ELM77

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com