Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM77 Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM77
Description  CMOS Dual voltage detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM77 Datasheet(HTML) 4 Page - ELM Electronics

  ELM77 Datasheet HTML 1Page - ELM Electronics ELM77 Datasheet HTML 2Page - ELM Electronics ELM77 Datasheet HTML 3Page - ELM Electronics ELM77 Datasheet HTML 4Page - ELM Electronics ELM77 Datasheet HTML 5Page - ELM Electronics ELM77 Datasheet HTML 6Page - ELM Electronics ELM77 Datasheet HTML 7Page - ELM Electronics ELM77 Datasheet HTML 8Page - ELM Electronics ELM77 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ELM77xxxxxC CMOS Dual voltage detector
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit Note
Operating voltage
Vdd
1.0
6.0
V
-
Detection voltage1
Vdetn1 Vdd=1.5V, Vdet=Voltage detected
0.870 0.900 0.930
V
1
Detection voltage2
Vdetn2 Vdd=Voltage detected
2.352 2.400 2.448
V
1
Hysteresis width1
Vhys1
Vdetn1
×0.04
Vdetn1
×0.08
Vdetn1
×0.12
V
1
Hysteresis width2
Vhys2
Vdetn2
×0.02
Vdetn2
×0.04
Vdetn2
×0.06
V
1
Current consumption
Idd
Vdd=3.0V, Vdet=0V, OUT1,2:Open
0.6
2.0
μA
2
Output current1
Ioutn1 Vdd=1.0V, Vdet=0V, Vout1=0V
1
3
mA
3
Output current2
Ioutn2 Vdd=1.0V, Vout2=0.5V
1
3
mA
3
Open drain
leakage current1
Ileak1 Vdd=6.0V, Vdet=6.0V, Vout1=6.0V
0.001 0.400
μA
3
Open drain
leakage current2
Ileak2 Vdd=6.0V, Vdet=6.0V, Vout2=6.0V
0.001 0.400
μA
3
Input resistance
Rdet Vdet=5.0V, Vdd=0V
10
4
Detect delay 1
tPHL1 Vdd=6.0V, Vdet=6.0V→0V
160
μs
5
Detect delay 2
tPHL2 Vdd=6.0V→1.0V
70
μs
6
Release delay 1
tPLH1 Vdd=6.0V, Vdet=0V→6.0V
120
μs
5
Release delay 2
tPLH2 Vdd=1.0V→6.0V
60
μs
6
Temperature
coefficient of Vdetn
ΔVdetn
ΔTop Top=-40°C to +85°C
±
100
ppm/°C -
ELM772409BC(Vdetn1=0.9V, Vdetn2=2.4V)
Rpullup=100K, Vpullup=3V unless otherwise specified.Top=25°C
Note : test circuit No.
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit Note
Operating voltage
Vdd
1.0
6.0
V
-
Detection voltage1
Vdetn1 Vdd=1.5V, Vdet=Voltage detected
0.870 0.900 0.930
V
1
Detection voltage2
Vdetn2 Vdd=Voltage detected
2.645 2.700 2.754
V
1
Hysteresis width1
Vhys1
Vdetn1
×0.04
Vdetn1
×0.08
Vdetn1
×0.12
V
1
Hysteresis width2
Vhys2
Vdetn2
×0.02
Vdetn2
×0.04
Vdetn2
×0.06
V
1
Current consumption
Idd
Vdd=3.0V, Vdet=0V, OUT1,2:Open
0.6
2.0
μA
2
Output current1
Ioutn1 Vdd=1.0V, Vdet=0V, Vout1=0V
1
3
mA
3
Output current2
Ioutn2 Vdd=1.0V, Vout2=0.5V
1
3
mA
3
Open drain
leakage current1
Ileak1 Vdd=6.0V, Vdet=6.0V, Vout1=6.0V
0.001 0.400
μA
3
Open drain
leakage current2
Ileak2 Vdd=6.0V, Vdet=6.0V, Vout2=6.0V
0.001 0.400
μA
3
Input resistance
Rdet Vdet=5.0V, Vdd=0V
10
4
Detect delay 1
tPHL1 Vdd=6.0V, Vdet=6.0V→0V
160
μs
5
Detect delay 2
tPHL2 Vdd=6.0V→1.0V
70
μs
6
Release delay 1
tPLH1 Vdd=6.0V, Vdet=0V→6.0V
120
μs
5
Release delay 2
tPLH2 Vdd=1.0V→6.0V
60
μs
6
Temperature
coefficient of Vdetn
ΔVdetn
ΔTop Top=-40°C to +85°C
±
100
ppm/°C -
ELM772709BC(Vdetn1=0.9V, Vdetn2=2.7V)
Rpullup=100K, Vpullup=3V unless otherwise specified.Top=25°C
Note : test circuit No.
10 -


Similar Part No. - ELM77

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772209BC-N ELM-TECH-ELM772209BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772211BC-N ELM-TECH-ELM772211BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results

Similar Description - ELM77

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com