Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5725 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5725
Description  1MHz 1A Synchronous Step-Down Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5725 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5725 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5725 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver: 1.0
May 04, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5725
Global Mixed-mode Technology
1MHz 1A Synchronous Step-Down Regulator
Features
High Efficiency: Up to 93%
Low Quiescent Current: Only 50µA During Op-
eration
Internal Soft Start Function
1A Output Current
2.5V to 6V Input Voltage Range
1MHz Switching Frequency
No Schottky Diode Required
100% Duty Cycle in Dropout Operation
0.6V Reference Allows Low Output Voltages
<1µA Shutdown Current
Current Mode Operation for Excellent Line and
Load Transient Response
Over Temperature Protected
RoHS Compliant
Applications
Cellular Telephones
Personal Information Appliances
Microprocessors and DSP Core Supplies
Wireless and DSL Modems
Digital Still and Video Cameras
MP3 Players
Portable Instruments
General Description
The G5725 is a high efficiency monolithic synchronous
buck regulator using a constant frequency, current
mode architecture. Supply current during operation is
only 50µA and drops to <1µA in shutdown. The 2.5V
to 6V input voltage range makes the G5725 ideally
suited for single Li-Ion battery-powered applications.
100% duty cycle provides low dropout operation, ex-
tending battery run time in portable systems. Switching
frequency is internally set at 1MHz, allowing the use of
small surface mount inductors and capacitors. The
internal synchronous switch increase efficiency and
eliminates the need for an external Schottky diode.
Built-in soft start function eliminates in-rush current
that could damage the system.
Pin Configuration
Typical Application Circuit
VFB
VIN
SOT-23-5/TSOT-23-5
5
4
1
EN
2
3
GND
LX
G5725
VIN
LX
EN
VFB
GND
G5725
C
IN
2.2µF
CER
V
IN
4~6V
1
43
5
2.2µH
C
FB
R1
82k
R2
18k
C
OUT
10µF
CER
V
OUT
3.3V
300mA
* (option)
V
OUT = 0.6V × (1+
)
R1
R2
2
VFB
VIN
SOT-23-5/TSOT-23-5
5
4
1
EN
2
3
GND
LX
G5725
VIN
LX
EN
VFB
GND
G5725
C
IN
2.2µF
CER
V
IN
4~6V
1
43
5
2.2µH
C
FB
R1
82k
R2
18k
C
OUT
10µF
CER
V
OUT
3.3V
300mA
* (option)
V
OUT = 0.6V × (1+
)
R1
R2
V
OUT = 0.6V × (1+
)
R1
R2
2


Similar Part No. - G5725

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
G572026G050 PENTAIR-G572026G050 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
G572026G051 PENTAIR-G572026G051 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
G572026G060 PENTAIR-G572026G060 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
G572026G100 PENTAIR-G572026G100 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
G572026G101 PENTAIR-G572026G101 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
More results

Similar Description - G5725

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8030 RICHTEK-RT8030 Datasheet
136Kb / 11P
1A, 2.2MHz, Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5728 GMT-G5728 Datasheet
77Kb / 1P
1MHz 1A Synchronous Step-Down Regulator
G5719C GMT-G5719C Datasheet
81Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
G5719B GMT-G5719B Datasheet
73Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
G5719 GMT-G5719 Datasheet
86Kb / 2P
1MHz, 2A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6172 FEELING-FP6172 Datasheet
392Kb / 12P
1MHz, 2A Synchronous Step-Down Regulator
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
1MHz, 3A Synchronous Step-Down Regulator
logo
Fitipower Integrated Te...
FP6382 FITIPOWER-FP6382 Datasheet
981Kb / 13P
Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com