Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5725 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G5725
Description  1MHz 1A Synchronous Step-Down Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5725 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G5725 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5725 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.2
Dec 14, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5725A
Global Mixed-mode Technology
1MHz 1.5A Synchronous Step-Down Regulator
Features
High Efficiency: Up to 93%
Low Quiescent Current: Only 50µA During Op-
eration
Internal Soft Start Function
1.5A Output Current
2.5V to 6V Input Voltage Range
1MHz Switching Frequency
No Schottky Diode Required
100% Duty Cycle in Dropout Operation
0.6V Reference Allows Low Output Voltages
<1µA Shutdown Current
Current Mode Operation for Excellent Line and
Load Transient Response
Over Temperature Protected
RoHS Compliant
Applications
Cellular Telephones
Personal Information Appliances
Microprocessors and DSP Core Supplies
Wireless and DSL Modems
Digital Still and Video Cameras
MP3 Players
Portable Instruments
General Description
The G5725A is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, cur-
rent mode architecture. Supply current during opera-
tion is only 50µA and drops to <1µA in shutdown. The
2.5V to 6V input voltage range makes the G5725A
ideally suited for single Li-Ion battery-powered applica-
tions. 100% duty cycle provides low dropout operation,
extending battery run time in portable systems.
Switching frequency is internally set at 1MHz, allowing
the use of small surface mount inductors and capaci-
tors. The internal synchronous switch increase effi-
ciency and eliminates the need for an external Schot-
tky diode. Built-in soft start function eliminates in-rush
current that could damage the system.
Ordering Information
ORDER
NUMBER
MARKING
OUTPUT
VOLTAGE
TEMP.
RANGE
PACKAGE
(Green)
G5725AT11U
57AAx
Adjustable
-40°C~ +85°C
SOT-23-5
G5725ATO1U
57AAx
Adjustable
-40°C~ +85°C
TSOT-23-5
For other output voltage, please contact us at sales@gmt.com.tw
Note:T1: SOT-23-5
TO:TSOT-23-5
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
VFB
VIN
SOT-23-5/TSOT-23-5
5
4
1
EN
2
3
GND
LX
G5725A
VIN
LX
EN
VFB
GND
G5725A
C
IN
2.2µF
CER
V
IN
4~6V
1
43
5
2.2µH
C
FB
R1
82k
R2
18k
C
OUT
10µF
CER
V
OUT
3.3V
300mA
* (option)
V
OUT = 0.6V × (1+
)
R1
R2
2
VFB
VIN
SOT-23-5/TSOT-23-5
5
4
1
EN
2
3
GND
LX
G5725A
VIN
LX
EN
VFB
GND
G5725A
C
IN
2.2µF
CER
V
IN
4~6V
1
43
5
2.2µH
C
FB
R1
82k
R2
18k
C
OUT
10µF
CER
V
OUT
3.3V
300mA
* (option)
V
OUT = 0.6V × (1+
)
R1
R2
V
OUT = 0.6V × (1+
)
R1
R2
2


Similar Part No. - G5725

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
G572026G050 PENTAIR-G572026G050 Datasheet
2Mb / 24P
   SPEC TRACOOL Indoor/Outdoor
G572026G051 PENTAIR-G572026G051 Datasheet
2Mb / 24P
   SPEC TRACOOL Indoor/Outdoor
G572026G060 PENTAIR-G572026G060 Datasheet
2Mb / 24P
   SPEC TRACOOL Indoor/Outdoor
G572026G100 PENTAIR-G572026G100 Datasheet
2Mb / 24P
   SPEC TRACOOL Indoor/Outdoor
G572026G101 PENTAIR-G572026G101 Datasheet
2Mb / 24P
   SPEC TRACOOL Indoor/Outdoor
More results

Similar Description - G5725

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5728 GMT-G5728 Datasheet
77Kb / 1P
   1MHz 1A Synchronous Step-Down Regulator
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
   1MHz, 1A Synchronous Step-Down Converter
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6172 FEELING-FP6172 Datasheet
392Kb / 12P
   1MHz, 2A Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5719 GMT-G5719 Datasheet
86Kb / 2P
   1MHz, 2A Synchronous Step-Down Regulator
logo
Fitipower Integrated Te...
FP6382 FITIPOWER-FP6382 Datasheet
981Kb / 13P
   Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator
logo
Global Mixed-mode Techn...
G5719B GMT-G5719B Datasheet
73Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8030 RICHTEK-RT8030 Datasheet
136Kb / 11P
   1A, 2.2MHz, Synchronous Step-Down Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com