Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6510 Datasheet(PDF) 2 Page - AUK corp

Part # S6510
Description  SIMPLE BALLAST CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S6510 Datasheet(HTML) 2 Page - AUK corp

  S6510 Datasheet HTML 1Page - AUK corp S6510 Datasheet HTML 2Page - AUK corp S6510 Datasheet HTML 3Page - AUK corp S6510 Datasheet HTML 4Page - AUK corp S6510 Datasheet HTML 5Page - AUK corp S6510 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSI-8012-001
2
S6510
Internal Block Diagram
PIN Collection
Pin Number
Pin Name
Pin Function Description
1
Cs
Soft start time capacitor connection pin. The pin charge time to Vref determines
The preheating time of lamp.
2
CT
Timing capacitor connection pin. The timing capacitor is charged and discharged
To generate the sawtooth waveform that determines the oscillator frequency in
the internal oscillator.
3
Rs
Soft start resistor connection pin. The soft start resistor value determines the
initial soft start frequency for preheating.
4
Ldet
Input to the protection circuit. If the pin voltage is lower than Vref, the output oh
The output driver1,2 is inhibited.
5
GND
Ground of the control Section.
6
OUT2
Gate drive output. A push pull output stage is able to drive the Power MOSFET
With peak current of 400mA.
7
OUT1
Gate drive output. A push pull output stage is able to drive the Power MOSFET
With peak current of 400mA.
8
Vcc
Supply Voltage of output driver and control circuits.
-
+
Vth(st)
uvlo
2.5V Ref
40uA Ref
2Vbe
Vz
Vs
-
+
2V
1.5V
uvlo
Self Starter
-
+
CurrentSense
Comparator
ErrorAmplifier
Vref
-
+
2.3V
A
-
+
40uA
Static
OVP
Dynamic
OVP
5pF
40k
+
-
Vref
-
+
Multiplier
Vmo
2V
0.5V
Zero Current
Detector
Q
R
S
INV
MULT
CS
COMP
1
2
3
4
Vcc
GND
IDET
OUT
8
7
6
5
Vm1
Vm2
K=
Vm1-(Vm2-Vref)
Vmo
GainK
Drive Output
18V
Under Voltage Lock Out
-
+
0.4V
Feedback
OVP
.0
10uA


Similar Part No. - S6510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6510MG ETC2-S6510MG Datasheet
50Kb / 1P
   Visible Wavelength Laserdiode
logo
Roithner LaserTechnik G...
S6510MG ROITHNER-S6510MG Datasheet
370Kb / 5P
   Infrared Laser Diode
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
More results

Similar Description - S6510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com