Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6510 Datasheet(PDF) 1 Page - AUK corp

Part # S6510
Description  SIMPLE BALLAST CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S6510 Datasheet(HTML) 1 Page - AUK corp

  S6510 Datasheet HTML 1Page - AUK corp S6510 Datasheet HTML 2Page - AUK corp S6510 Datasheet HTML 3Page - AUK corp S6510 Datasheet HTML 4Page - AUK corp S6510 Datasheet HTML 5Page - AUK corp S6510 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSI-8012-001
1
S6510
SIMPLE BALLAST CONTROLLER
F
Description
The device provides simple and performance electronics ballast control function for the half
bridge L/C resonant inverter. This device is optimized for electronics ballast requiring a
minimum board area, reduced component count and low power dissipation.
Internal soft start circuitry eliminates the need for an external soft start PTC resistor.
The initial soft start frequency and soft start time can be easily adjusted depending on the
types of lamp. Prevent burning out of switches in no lamp condition. Internal 18V regulator
clamps Vcc line of supply voltage for eliminating an external zener diode.
Features
• No lamp protection
• Low Start up & Operating Current
• Internal Soft Start
• Flexible Soft Start Frequency
• Trimmed 1.5% internal Reference
• Under Voltage Lock Out with Hysteresis
• High Current Totem Pole Gate Drive
Ordering Information
Type NO.
Marking
Package Code
S6510
S6510
SOP-8
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Collection


Similar Part No. - S6510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6510MG ETC2-S6510MG Datasheet
50Kb / 1P
Visible Wavelength Laserdiode
logo
Roithner LaserTechnik G...
S6510MG ROITHNER-S6510MG Datasheet
370Kb / 5P
Infrared Laser Diode
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
SIMPLE BALLAST CONTROLLER
More results

Similar Description - S6510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
Simple Ballast Controller
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
SIMPLE BALLAST CONTROLLER
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
Simple Ballast Controller
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
Simple Dimming Ballast Control IC
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
Three-Way Ballast Controller
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
Three-Way Ballast Controller
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com