Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6510 Datasheet(PDF) 4 Page - AUK corp

Part # S6510
Description  SIMPLE BALLAST CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S6510 Datasheet(HTML) 4 Page - AUK corp

  S6510 Datasheet HTML 1Page - AUK corp S6510 Datasheet HTML 2Page - AUK corp S6510 Datasheet HTML 3Page - AUK corp S6510 Datasheet HTML 4Page - AUK corp S6510 Datasheet HTML 5Page - AUK corp S6510 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KSI-8012-001
4
S6510
Electrical Characteristics
Vcc=12V, 0℃≤Ta≤105℃, unless otherwise stated.
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
OUTPUT SECTION
Output Voltage High
Voh
Io=-10mA
8.5
10
-
V
Output Voltage Low
Vol
Io= 10mA
-
0.5
2
V
Rising Time
tr
CI=1nF
-
200
300
ns
Falling Time
tf
CI=1nF
-
50
100
ns
Output Voltage with UVLO Activated
Vo(uvlo)
Vcc=5V, Io=50uA
-
-
1
V
PROTECTION SECTION
No Lamp Detect Voltage
Vnd
-
1.9
2
2.1
V


Similar Part No. - S6510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6510MG ETC2-S6510MG Datasheet
50Kb / 1P
Visible Wavelength Laserdiode
logo
Roithner LaserTechnik G...
S6510MG ROITHNER-S6510MG Datasheet
370Kb / 5P
Infrared Laser Diode
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
SIMPLE BALLAST CONTROLLER
More results

Similar Description - S6510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
Simple Ballast Controller
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
SIMPLE BALLAST CONTROLLER
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
Simple Ballast Controller
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
Simple Dimming Ballast Control IC
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
Three-Way Ballast Controller
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
Three-Way Ballast Controller
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com