Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221 Datasheet(PDF) 33 Page - Texas Instruments

Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA3221 Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA3221_15 Datasheet HTML 29Page - Texas Instruments INA3221_15 Datasheet HTML 30Page - Texas Instruments INA3221_15 Datasheet HTML 31Page - Texas Instruments INA3221_15 Datasheet HTML 32Page - Texas Instruments INA3221_15 Datasheet HTML 33Page - Texas Instruments INA3221_15 Datasheet HTML 34Page - Texas Instruments INA3221_15 Datasheet HTML 35Page - Texas Instruments INA3221_15 Datasheet HTML 36Page - Texas Instruments INA3221_15 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
INA3221
www.ti.com
SBOS576A – MAY 2012 – REVISED JUNE 2013
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (May 2012) to Revision A
Page
Changed Input, Voltage input range, Shunt parameter specifications in +3.3 V Electrical Characteristics table ................ 3
Updated Figure 24 .............................................................................................................................................................. 15
Changed bit D15 in Power Valid Upper Limit Register ....................................................................................................... 28
Changed bit D15 in Power Valid Lower Limit Register ....................................................................................................... 28
Changed second paragraph of Serial Bus Address section ............................................................................................... 29
Updated Figure 29 and Figure 30 ....................................................................................................................................... 30
Changed footnote 1 in Figure 29 and Figure 30 ................................................................................................................. 30
Updated Figure 31 and Figure 32 ....................................................................................................................................... 31
Changed footnote 1 in Figure 31 and Figure 32 ................................................................................................................. 31
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: INA3221


Similar Part No. - INA3221_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com