Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA200 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA200
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA200 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA200_15 Datasheet HTML 6Page - Texas Instruments INA200_15 Datasheet HTML 7Page - Texas Instruments INA200_15 Datasheet HTML 8Page - Texas Instruments INA200_15 Datasheet HTML 9Page - Texas Instruments INA200_15 Datasheet HTML 10Page - Texas Instruments INA200_15 Datasheet HTML 11Page - Texas Instruments INA200_15 Datasheet HTML 12Page - Texas Instruments INA200_15 Datasheet HTML 13Page - Texas Instruments INA200_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Time (10ms/div)
G = 100
V
= 20mV to 110mV
SENSE
600
500
400
300
200
100
0
0
1
2
3
4
5
I
(mA)
SINK
6
Time (5ms/div)
G = 50
V
= 20mV to 110mV
SENSE
Time(5 s/div)
m
G=50
V
=90mVto100mV
SENSE
Time(2 s/div)
m
G=20
V
=90mVto100mV
SENSE
Time (5ms/div)
G = 50
V
= 20mV to 30mV
SENSE
INA200, INA201, INA202
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 14. Step Response
Figure 15. Step Response
Figure 16. Step Response
Figure 17. Step Response
Figure 19. Comparator VOL vs ISINK
Figure 18. Step Response
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA200 INA201 INA202


Similar Part No. - INA200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200 TI1-INA200_16 Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200 TI1-INA200_16 Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA206 TI-INA206_15 Datasheet
1Mb / 39P
INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com