Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA139-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA139-Q1
Description  HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA139-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  INA139-Q1_15 Datasheet HTML 1Page - Texas Instruments INA139-Q1_15 Datasheet HTML 2Page - Texas Instruments INA139-Q1_15 Datasheet HTML 3Page - Texas Instruments INA139-Q1_15 Datasheet HTML 4Page - Texas Instruments INA139-Q1_15 Datasheet HTML 5Page - Texas Instruments INA139-Q1_15 Datasheet HTML 6Page - Texas Instruments INA139-Q1_15 Datasheet HTML 7Page - Texas Instruments INA139-Q1_15 Datasheet HTML 8Page - Texas Instruments INA139-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
V
+
NC
OUT
NC
8
7
6
5
V
IN–
V
IN+
NC
GND
1
2
3
4
INA139-Q1
INA169-Q1
www.ti.com
SGLS185E
– SEPTEMBER 2003 – REVISED MAY 2011
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
Check for Samples: INA139-Q1, INA169-Q1
1
FEATURES
Qualified for Automotive Applications
ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015; Exceeds 200 V Using Machine Model
(C = 200 pF, R = 0)
Complete Unipolar High-Side Current Measurement Circuit
Wide Supply and Common-Mode Ranges
– INA139-Q1: 2.7 V to 40 V
– INA169-Q1: 2.7 V to 60 V
Independent Supply and Input Common-Mode Voltages
Single Resistor Gain Set
Low Quiescent Current (60
μA Typ)
Wide Temperature Range:
–40°C to +125°C
TSSOP-8 Package
APPLICATIONS
Current Shunt Measurement:
– Automotive, Telephone, Computers
Portable And Battery-Backup Systems
Battery Chargers
Power Management
Cell Phones
Precision Current Source
DESCRIPTION
The INA139 and INA169 are high-side, unipolar, current shunt monitors. Wide input common-mode voltage
range, high-speed, low quiescent current, and tiny TSSOP-8 packaging enable use in a variety of applications.
The device converts a differential input voltage to a current output. This current is converted back to a voltage
with an external load resistor that sets any gain from 1 to over 100. Although designed for current shunt
measurement, the circuit invites creative applications in measurement and level shifting.
Both the INA139 and INA169 are available in TSSOP-8 and are specified for the
–40°C to 125°C temperature
range.
PW PACKAGE
(TOP VIEW)
NC
− No internal connection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2003–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA139-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139-Q1 TI-INA139-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139-Q1 TI1-INA139-Q1 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA139-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com