Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA139-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA139-Q1
Description  HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA139-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA139-Q1_15 Datasheet HTML 3Page - Texas Instruments INA139-Q1_15 Datasheet HTML 4Page - Texas Instruments INA139-Q1_15 Datasheet HTML 5Page - Texas Instruments INA139-Q1_15 Datasheet HTML 6Page - Texas Instruments INA139-Q1_15 Datasheet HTML 7Page - Texas Instruments INA139-Q1_15 Datasheet HTML 8Page - Texas Instruments INA139-Q1_15 Datasheet HTML 9Page - Texas Instruments INA139-Q1_15 Datasheet HTML 10Page - Texas Instruments INA139-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2
1
p
2
1
INA139-Q1
INA169-Q1
www.ti.com
SGLS185E
– SEPTEMBER 2003 – REVISED MAY 2011
POWER SUPPLIES
The input circuitry of the INA139 can accurately measure beyond its power-supply voltage, V+. For example, the
V+ power supply can be 5 V, whereas the load power supply voltage is up to 36 V (or 60 V with the INA169).
However, the output voltage range of the OUT terminal is limited by the lesser of the two voltages (see the
Output Voltage Range section).
SELECTING RS AND RL
The value chosen for the shunt resistor, RS, depends on the application and is a compromise between
small-signal accuracy and maximum permissible voltage loss in the measurement line. High values of RS provide
better accuracy at lower currents by minimizing the effects of offset, while low values of RS minimize voltage loss
in the supply line. For most applications, best performance is attained with an RS value that provides a full-scale
shunt voltage range of 50 mV to 100 mV. Maximum input voltage for accurate measurements is 500 mV.
RL is chosen to provide the desired full-scale output voltage. The output impedance of the INA139 OUT terminal
is very high, which permits using values of RL up to 100 kΩ with excellent accuracy. The input impedance of any
additional circuitry at the output should be much higher than the value of RL to avoid degrading accuracy.
Some analog-to-digital (A/D) converters have input impedances that significantly affect measurement gain. The
input impedance of the A/D converter can be included as part of the effective RL if its input can be modeled as a
resistor to ground. Alternatively, an op amp can be used to buffer the A/D converter input as shown in Figure 10.
See Figure 9 for recommended values of RL.
OUTPUT VOLTAGE RANGE
The output of the INA139 is a current, which is converted to a voltage by the load resistor, RL. The output current
remains accurate within the compliance voltage range of the output circuitry. The shunt voltage and the input
common-mode and power-supply voltages limit the maximum possible output swing. The maximum output
voltage compliance is limited by the lower of the two equations below:
VOUT MAX = (V+) − 0.7 V − (VIN+ − VIN−)
or
VOUT MAX = VIN− − 0.5 V (whichever is lower)
BANDWIDTH
Measurement bandwidth is affected by the value of the load resistor, RL. High gain produced by high values of
RL yields a narrower measurement bandwidth (see the Typical Characteristics section). For widest possible
bandwidth, keep the capacitive load on the output to a minimum.
If bandwidth limiting (filtering) is desired, a capacitor can be added to the output (as shown in Figure 11), which
will not cause instability.
Figure 10. Buffering Output to Drive the A/D
Figure 11. Output Filter
Converter
Copyright
© 2003–2011, Texas Instruments Incorporated
7


Similar Part No. - INA139-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139-Q1 TI-INA139-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139-Q1 TI1-INA139-Q1 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA139-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com