Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA138-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA138-Q1
Description  HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA138-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  INA138-Q1_15 Datasheet HTML 1Page - Texas Instruments INA138-Q1_15 Datasheet HTML 2Page - Texas Instruments INA138-Q1_15 Datasheet HTML 3Page - Texas Instruments INA138-Q1_15 Datasheet HTML 4Page - Texas Instruments INA138-Q1_15 Datasheet HTML 5Page - Texas Instruments INA138-Q1_15 Datasheet HTML 6Page - Texas Instruments INA138-Q1_15 Datasheet HTML 7Page - Texas Instruments INA138-Q1_15 Datasheet HTML 8Page - Texas Instruments INA138-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
INA138-Q1, INA168-Q1
www.ti.com
SGLS174G – SEPTEMBER 2003 – REVISED JANUARY 2013
ELECTRICAL CHARACTERISTICS (continued)
TA = −40°C to 125°C, VS = 5 V, VIN+ = 12 V, and ROUT = 125 kΩ unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output
Transconductance
VSENSE = 10 mV − 150 mV
194
206
μA/V
Transconductance versus
VSENSE = 100 mV
10
nA/°C
temperature
Nonlinearity error
VSENSE = 10 mV to 150 mV
±0.01%
±0.2 %
Total output error
VSENSE = 100 mV
±0.5
±3.2
%
Output impedance
1
G
5
pF
Voltage output swing to power
(V+) − 0.8
(V+) − 1.2
V
supply, V+
Voltage output swing to common
VCM − 0.5
VCM − 1.2
V
mode, VCM
Frequency Response
Bandwidth
ROUT = 5 kΩ
800
kHz
ROUT = 125 kΩ
32
Settling time (0.1%)
5-V step
ROUT = 5 kΩ
1.8
μs
ROUT = 125 kΩ
30
Noise
Output-current noise density
TA = 25°C
9
pA/
√Hz
Total output-current noise
BW = 100 kHz
3
nA RMS
Power Supply
Operating range, V+
INA138-Q1
2.7
36
V
INA168-Q1
2.7
60
Quiescent current
VSENSE = 0, IO = 0
25
60
μA
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA138-Q1 INA168-Q1


Similar Part No. - INA138-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results

Similar Description - INA138-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com