Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA138-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA138-Q1
Description  HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA138-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  INA138-Q1_15 Datasheet HTML 1Page - Texas Instruments INA138-Q1_15 Datasheet HTML 2Page - Texas Instruments INA138-Q1_15 Datasheet HTML 3Page - Texas Instruments INA138-Q1_15 Datasheet HTML 4Page - Texas Instruments INA138-Q1_15 Datasheet HTML 5Page - Texas Instruments INA138-Q1_15 Datasheet HTML 6Page - Texas Instruments INA138-Q1_15 Datasheet HTML 7Page - Texas Instruments INA138-Q1_15 Datasheet HTML 8Page - Texas Instruments INA138-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
INA138-Q1, INA168-Q1
SGLS174G – SEPTEMBER 2003 – REVISED JANUARY 2013
www.ti.com
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
PACKAGE
TRANSPORT
PRODUCT
PACKAGE
−LEAD
TEMPERATURE
DESIGNATOR(2)
MARKING
MEDIA, QUANTITY
RANGE
INA138QPWRQ1
TSSOP
−8
PW
−40°C to 125°C
INA138
Tape and reel, 2000
INA168QPWRQ1
TSSOP
−8
PW
−40°C to 125°C
INA168
Tape and reel, 2000
INA168QDBVRQ1
SOT23-5
DBV
−40°C to 125°C
LUIQ
Tape and reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
Supply voltage, V+
INA138-Q1
−0.3 V to 60 V
INA168-Q1
−0.3 V to 75 V
Analog inputs, VIN+, VIN− , common-mode
INA138-Q1
−0.3 V to 60 V
INA168-Q1
−0.3 V to 75 V
Analog inputs, (VIN+) − (VIN−), differential
−40 V to 2 V
Analog output, out
−0.3 V to 40 V
Operating temperature
−55°C to 150°C
Storage temperature
−65°C to 150°C
Junction temperature
150°C
Thermal resistance, junction-to-ambient, RΘJA
PW
150°C/W
DBV
200°C/W
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = −40°C to 125°C, VS = 5 V, VIN+ = 12 V, and ROUT = 125 kΩ unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input
Full-scale sense voltage
VSENSE = VIN+ – VIN−
100
500
mV
Common-mode input range
INA138-Q1
2.7
36
V
INA168-Q1
2.7
60
Common-mode rejection
VIN+ = 2.7 V to 36 V, VSENSE
INA138-Q1
100
120
= 50 mV
dB
VIN+ = 2.7 V to 60 V, VSENSE
INA168-Q1
100
120
= 50 mV
Offset voltage(1)
±0.2
±2
mV
Offset voltage versus temperature
1
μV/°C
Offset voltage versus power supply,
V+ = 2.7 V to 36 V, VSENSE = INA138-Q1
0.1
10
V+
50 mV
μV/V
V+ = 2.7 V to 60 V, VSENSE = INA168-Q1
0.1
10
50 mV
Input bias current
VIN+ = VIN− = 12 V
10
μA
(1)
Defined as the amount of input voltage, VSENSE, to drive the output to zero.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: INA138-Q1 INA168-Q1


Similar Part No. - INA138-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results

Similar Description - INA138-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com