Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA138-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA138-Q1
Description  HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA138-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  INA138-Q1_15 Datasheet HTML 1Page - Texas Instruments INA138-Q1_15 Datasheet HTML 2Page - Texas Instruments INA138-Q1_15 Datasheet HTML 3Page - Texas Instruments INA138-Q1_15 Datasheet HTML 4Page - Texas Instruments INA138-Q1_15 Datasheet HTML 5Page - Texas Instruments INA138-Q1_15 Datasheet HTML 6Page - Texas Instruments INA138-Q1_15 Datasheet HTML 7Page - Texas Instruments INA138-Q1_15 Datasheet HTML 8Page - Texas Instruments INA138-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Power-Supply Voltage (V)
150ºC
125ºC
25ºC
–55ºC
(V+) > 36 V
Power-Supply Voltage (V)
Output error is essentially
independent of both
V supply voltage and
input common-mode voltage.
+
–55ºC
25ºC
150ºC
V
= (V
– V
)
IN
IN+
IN–
R = 500k
L
W
R = 50k
L
W
R = 5k
L
W
C = 10nF
L
C = 1nF
L
C = 100pF
L
INA138-Q1, INA168-Q1
SGLS174G – SEPTEMBER 2003 – REVISED JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS
TA = 25°C, V+ = 5 V, VIN+ = 12 V, and RL = 125 kΩ, unless otherwise noted.
GAIN versus FREQUENCY
COMMON-MODE REJECTION versus FREQUENCY
Figure 1.
Figure 2.
POWER-SUPPLY REJECTION versus FREQUENCY
TOTAL OUTPUT ERROR versus VIN
Figure 3.
Figure 4.
TOTAL OUTPUT ERROR
QUIESCENT CURRENT
versus
versus
POWER-SUPPLY VOLTAGE
POWER-SUPPLY VOLTAGE
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: INA138-Q1 INA168-Q1


Similar Part No. - INA138-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results

Similar Description - INA138-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com