Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8812 Datasheet(PDF) 18 Page - Texas Instruments

Part # DAC8812
Description  DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8812 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC8812_15 Datasheet HTML 14Page - Texas Instruments DAC8812_15 Datasheet HTML 15Page - Texas Instruments DAC8812_15 Datasheet HTML 16Page - Texas Instruments DAC8812_15 Datasheet HTML 17Page - Texas Instruments DAC8812_15 Datasheet HTML 18Page - Texas Instruments DAC8812_15 Datasheet HTML 19Page - Texas Instruments DAC8812_15 Datasheet HTML 20Page - Texas Instruments DAC8812_15 Datasheet HTML 21Page - Texas Instruments DAC8812_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
(
)
FB2
REF
FB2
OUT
REF
bits
G1
G2
2
V
Code
R
V
Code
V
R
R
2
æ
ö æ
ö
´
= ç
´
÷ - ç
´
÷
ç
÷ ç
÷
è
ø è
ø
+
+
MDAC
Transimpedance Stage
Gain and Offset Stage
A
2
R
G1
R
FB
R
G2
R
FB2
V
DAC
V
REF
REF
IN
V
OUT
I
OUT
A
1
DAC8812
SBAS349C – AUGUST 2005 – REVISED NOVEMBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
This design features one channel of the DAC8812 followed by a four-quadrant circuit for multiplying DACs. The
circuit conditions the current output of an MDAC into a symmetrical bipolar voltage. The design uses an op amp
in a transimpedance configuration to convert the MDAC current into a voltage, followed by an additional amplifier
in a summing configuration to apply an offset voltage.
9.2 Typical Application
Figure 35. Four-Quadrant Multiplying Application Circuit
9.2.1 Design Requirements
Using a multiplying DAC requires a transimpedance stage using an amplifier with minimal input offset voltage.
The tolerance of the external resistors varies depending on the goals of the application, but for optimal
performance with the DAC8812 the tolerance should be 0.1 % for all of the external resistors. The summing
stage amplifier also requires low input-offset voltage and enough slew rate for the output range desired.
9.2.2 Detailed Design Procedure
The first stage of the design converts the current output of the MDAC (IOUT) to a voltage (VOUT) using an amplifier
in a transimpedance configuration. A typical MDAC features an on-chip feedback resistor sized appropriately to
match the ratio of the resistor values used in the DAC R-2R ladder. This resistor is available using the input
shown in Figure 35 called RFB on the MDAC. The MDAC reference and the output of the transimpedance stage
are then connected to the inverting input of the amplifier in the summing stage to produce the output that is
defined by Equation 2.
(2)
9.2.3 Application Curves
Figure 36 shows the output voltage vs code of this design, and Figure 37 shows the output error vs code. Notice
that the error gets worse as the output code increases because the contribution of the DAC gain error increases
with code.
18
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: DAC8812


Similar Part No. - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812B TI-DAC8812B Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812C TI-DAC8812C Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI-DAC8812IBPW Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI1-DAC8812IBPW Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPWG4 TI1-DAC8812IBPWG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com