Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8812 Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC8812
Description  DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8812 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC8812_15 Datasheet HTML 12Page - Texas Instruments DAC8812_15 Datasheet HTML 13Page - Texas Instruments DAC8812_15 Datasheet HTML 14Page - Texas Instruments DAC8812_15 Datasheet HTML 15Page - Texas Instruments DAC8812_15 Datasheet HTML 16Page - Texas Instruments DAC8812_15 Datasheet HTML 17Page - Texas Instruments DAC8812_15 Datasheet HTML 18Page - Texas Instruments DAC8812_15 Datasheet HTML 19Page - Texas Instruments DAC8812_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
DAC8812
SBAS349C – AUGUST 2005 – REVISED NOVEMBER 2015
www.ti.com
Device Functional Modes (continued)
Data is placed on the SDI pin, and clocked into the register on the positive clock edge of CLK subject to the data
setup and data hold time requirements specified in the Interface Timing specifications of the Electrical
Characteristics. Data can only be clocked in while the CS chip select pin is active low. For the DAC8812, only
the last 18 bits clocked into the serial register are interrogated when the CS pin returns to the logic high state.
Since most microcontrollers output serial data in 8-bit bytes, three right-justified data bytes can be written to the
DAC8812. Keeping the CS line low between the first, second, and third byte transfers will result in a successful
serial register update.
Once the data is properly aligned in the shift register, the positive edge of the CS initiates the transfer of new
data to the target DAC register, determined by the decoding of address bits A1 and A0. For the DAC8812,
Table 1, Table 2, Table 3, and Figure 1 define the characteristics of the software serial interface.
Table 1. Serial Input Register Data Format, Data Loaded MSB First(1)
B17
B0
Bit
(MSB)
B16
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
(LSB)
Data
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(1)
Only the last 18 bits of data clocked into the serial register (address + data) are inspected when the CS line positive edge returns to
logic high. At this point an internally-generated load strobe transfers the serial register data contents (bits D15-D0) to the decoded DAC-
input-register address determined by bits A1 and A0. Any extra bits clocked into the DAC8812 shift register are ignored; only the last 18
bits clocked in are used. If double-buffered data is not needed, the LDAC pin can be tied logic low to disable the DAC registers.
Table 2. Control Logic Truth Table(1)
CS
CLK
LDAC
RS
MSB
SERIAL SHIFT REGISTER
INPUT REGISTER
DAC REGISTER
H
X
H
H
X
No effect
Latched
Latched
L
L
H
H
X
No effect
Latched
Latched
L
↑+
H
H
X
Shift register data advanced one bit
Latched
Latched
L
H
H
H
X
No effect
Latched
Latched
↑+
L
H
H
X
No effect
Selected DAC updated with current SR contents
Latched
H
X
L
H
X
No effect
Latched
Transparent
H
X
H
H
X
No effect
Latched
Latched
H
X
↑+
H
X
No effect
Latched
Latched
H
X
H
L
0
No effect
Latched data = 0000h
Latched data = 0000h
H
X
H
L
H
No effect
Latched data = 8000h
Latched data = 8000h
(1)
↑+ = Positive logic transition; X = Don't care
Table 3. Address Decode
A1
A0
DAC DECODE
0
0
None
0
1
DAC A
1
0
DAC B
1
1
DAC A and DAC B
16
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: DAC8812


Similar Part No. - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812B TI-DAC8812B Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812C TI-DAC8812C Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI-DAC8812IBPW Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI1-DAC8812IBPW Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPWG4 TI1-DAC8812IBPWG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com