Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8812 Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC8812
Description  DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8812 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC8812_15 Datasheet HTML 11Page - Texas Instruments DAC8812_15 Datasheet HTML 12Page - Texas Instruments DAC8812_15 Datasheet HTML 13Page - Texas Instruments DAC8812_15 Datasheet HTML 14Page - Texas Instruments DAC8812_15 Datasheet HTML 15Page - Texas Instruments DAC8812_15 Datasheet HTML 16Page - Texas Instruments DAC8812_15 Datasheet HTML 17Page - Texas Instruments DAC8812_15 Datasheet HTML 18Page - Texas Instruments DAC8812_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
250 W
DGND
DIGITAL
INPUTS
V
DD
16
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
A0
A1
A
B
DAC
Decode
Input
Register R
Input
Register R
DACA
Register R
DACB
Register R
DAC A
DAC B
Set
MSB
Power-
on
Reset
DGND
MSB
LDAC
RS
V
DD
CS
CLK
SDI
V
AB
REF
I
A
OUT
A
A
GND
R B
FB
I
B
OUT
A
B
GND
EN
Set
MSB
R B
FB
DAC8812
www.ti.com
SBAS349C – AUGUST 2005 – REVISED NOVEMBER 2015
Figure 32. System-Level Digital Interfacing
8.3.2 Power-On Reset
When the VDD power supply is turned on, an internal reset strobe forces all the Input and DAC registers to the
zero-code state or half-scale, depending on the MSB pin voltage. The VDD power supply should have a smooth
positive ramp without drooping, in order to have consistent results, especially in the region of VDD = 1.5 V to
2.3 V. The DAC register data stays at zero or half-scale setting until a valid serial register data load takes place.
8.3.2.1 ESD Protection Circuits
All logic-input pins contain back-biased ESD protection zener diodes connected to ground (DGND) and VDD as
shown in Figure 33.
Figure 33. Equivalent ESD Protection Circuits
8.4 Device Functional Modes
8.4.1 Serial Data Interface
The DAC8812 uses a 3-wire (CS, SDI, CLK) SPI-compatible serial data interface. Serial data of the DAC8812 is
clocked into the serial input register in an 18-bit data-word format. MSB bits are loaded first. Table 1 defines the
18 data-word bits for the DAC8812.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: DAC8812


Similar Part No. - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812B TI-DAC8812B Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812C TI-DAC8812C Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI-DAC8812IBPW Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI1-DAC8812IBPW Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPWG4 TI1-DAC8812IBPWG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com