Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8812 Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC8812
Description  DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8812 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8812_15 Datasheet HTML 10Page - Texas Instruments DAC8812_15 Datasheet HTML 11Page - Texas Instruments DAC8812_15 Datasheet HTML 12Page - Texas Instruments DAC8812_15 Datasheet HTML 13Page - Texas Instruments DAC8812_15 Datasheet HTML 14Page - Texas Instruments DAC8812_15 Datasheet HTML 15Page - Texas Instruments DAC8812_15 Datasheet HTML 16Page - Texas Instruments DAC8812_15 Datasheet HTML 17Page - Texas Instruments DAC8812_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
+
+
Analog
Power
Supply
Load
15V
2R
5V
R
15V
A1
R
R
R
2R
2R
2R
R
5 kW
S2
S1
DGND
DGND
V
X
REF
V
DD
R X
FB
I
X
OUT
V
OUT
V
CC
V
EE
A
X
GND
Digitalinterfaceconnectionsomittedforclarity.
SwitchesS1andS2areclosed,V
mustbepowered.
DD
OUT
REF
D
V
V
65 536
=
´
DAC8812
SBAS349C – AUGUST 2005 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
The DAC is designed to operate with both negative or positive reference voltages. The VDD power pin is only
used by the logic to drive the DAC switches on and off. Note that a matching switch is used in series with the
internal 5 k
Ω feedback resistor. If users are attempting to measure the value of RFB, power must be applied to
VDD in order to achieve continuity. The DAC output voltage is determined by VREF and the digital data (D)
according to Equation 1:
(1)
Note that the output polarity is opposite of the VREF polarity for dc reference voltages.
The DAC is also designed to accommodate ac reference input signals. The DAC8812 accommodates input
reference voltages in the range of –15 V to 15 V. The reference voltage inputs exhibit a constant nominal input
resistance of 5 k
Ω, ±20%. On the other hand, DAC outputs IOUTA and B are code-dependent and produce
various output resistances and capacitances.
The choice of external amplifier should take into account the variation in impedance generated by the DAC8812
on the amplifiers' inverting input node. The feedback resistance, in parallel with the DAC ladder resistance,
dominates output voltage noise. For multiplying mode applications, an external feedback compensation
capacitor, CFB (4 pF to 20 pF typical), may be needed to provide a critically damped output response for step
changes in reference input voltages.
Figure 15 shows the gain vs frequency performance at various attenuation settings using a 3 pF external
feedback capacitor connected across the IOUTX and RFBX pins. In order to maintain good analog performance,
power-supply bypassing of 0.01
μF, in parallel with 1 μF, is recommended. Under these conditions, clean power
supply with low ripple voltage capability should be used. Switching power supplies is usually not suitable for this
application due to the higher ripple voltage and PSS frequency-dependent characteristics. It is best to derive the
DAC8812 5-V supply from the system analog supply voltages (do not use the digital 5-V supply); see Figure 31.
Figure 31. Recommended Kelvin-Sensed Hookup
14
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: DAC8812


Similar Part No. - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812B TI-DAC8812B Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812C TI-DAC8812C Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI-DAC8812IBPW Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI1-DAC8812IBPW Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPWG4 TI1-DAC8812IBPWG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com