Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8812 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC8812
Description  DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8812 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8812_15 Datasheet HTML 9Page - Texas Instruments DAC8812_15 Datasheet HTML 10Page - Texas Instruments DAC8812_15 Datasheet HTML 11Page - Texas Instruments DAC8812_15 Datasheet HTML 12Page - Texas Instruments DAC8812_15 Datasheet HTML 13Page - Texas Instruments DAC8812_15 Datasheet HTML 14Page - Texas Instruments DAC8812_15 Datasheet HTML 15Page - Texas Instruments DAC8812_15 Datasheet HTML 16Page - Texas Instruments DAC8812_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
R
R
R
2R
2R
2R
R
5 kW
S2
S1
DGND
V
X
REF
V
DD
R X
FB
I
X
OUT
A
X
GND
Digitalinterfaceconnectionsomittedforclarity.
SwitchesS1andS2areclosed,V
mustbepowered.
DD
DAC
EN
A
B
Decode
SDI
CLK
DGND
MSB
R A
FB
V
A B
REF
R B
FB
I
A
OUT
A
A
GND
A
B
GND
I
B
OUT
Input
Register
Input
Register
DAC A
Register
DACB
Register
R
R
Power-On
Reset
R
R
DAC A
DACB
CS
16
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
A0
A1
RS
LDAC
DAC8812
www.ti.com
SBAS349C – AUGUST 2005 – REVISED NOVEMBER 2015
8 Detailed Description
8.1 Overview
The DAC8812 contains two 16-bit, current-output, digital-to-analog converters (DACs). Each DAC has its own
independent multiplying reference input. The DAC8812 uses a 3-wire, SPI-compatible serial data interface, with a
configurable asynchronous RS pin for half-scale (MSB = 1) or zero-scale (MSB = 0) preset. In addition, an LDAC
strobe enables two channel simultaneous updates for hardware synchronized output voltage changes.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Digital-to-Analog Converters
The DAC8812 contains two current-steering R-2R ladder DACs. Figure 30 shows a typical equivalent DAC. Each
DAC contains a matching feedback resistor for use with an external I-to-V converter amplifier. The RFBX pin is
connected to the output of the external amplifier. The IOUTX pin is connected to the inverting input of the external
amplifier. The AGNDX pin should be Kelvin-connected to the load point in the circuit requiring the full 16-bit
accuracy.
Figure 30. Typical Equivalent DAC Channel
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DAC8812


Similar Part No. - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812B TI-DAC8812B Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812C TI-DAC8812C Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI-DAC8812IBPW Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI1-DAC8812IBPW Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPWG4 TI1-DAC8812IBPWG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com