Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8812 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC8812
Description  DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8812 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8812_15 Datasheet HTML 1Page - Texas Instruments DAC8812_15 Datasheet HTML 2Page - Texas Instruments DAC8812_15 Datasheet HTML 3Page - Texas Instruments DAC8812_15 Datasheet HTML 4Page - Texas Instruments DAC8812_15 Datasheet HTML 5Page - Texas Instruments DAC8812_15 Datasheet HTML 6Page - Texas Instruments DAC8812_15 Datasheet HTML 7Page - Texas Instruments DAC8812_15 Datasheet HTML 8Page - Texas Instruments DAC8812_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DAC
EN
A
B
Decode
SDI
CLK
DGND
MSB
R A
FB
V
A B
REF
R B
FB
I
A
OUT
A
A
GND
A
B
GND
I
B
OUT
Input
Register
Input
Register
DAC A
Register
DACB
Register
R
R
Power-On
Reset
R
R
DAC A
DACB
CS
16
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
A0
A1
RS
LDAC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DAC8812
SBAS349C – AUGUST 2005 – REVISED NOVEMBER 2015
DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
1
Features
3 Description
1
Relative Accuracy: 1 LSB Max
The DAC8812 is a dual, 16-bit, current-output digital-
to-analog converter (DAC) designed to operate from
Differential Nonlinearity: 1 LSB Max
a single 2.7-V to 5.5-V supply.
2-mA Full-Scale Current ±20%,
The applied external reference input voltage VREF
With VREF = ±10 V
determines the full-scale output current. An internal
0.5-
μs Settling Time
feedback resistor (RFB) provides temperature tracking
Midscale or Zero-Scale Reset
for the full-scale output when combined with an
Separate 4Q Multiplying Reference Inputs
external I-to-V precision amplifier.
Reference Bandwidth: 10 MHz
A double-buffered, serial data interface offers high-
Reference Dynamics: –105-dB THD
speed, 3-wire, SPI and microcontroller compatible
inputs using serial data in (SDI), clock (CLK), and a
SPI™-Compatible 3-Wire Interface:
chip-select (CS). A common level-sensitive load DAC
50 MHz
strobe (LDAC) input allows simultaneous update of all
Double Buffered Registers to Enable
DAC outputs from previously loaded input registers.
Simultaneous Multichannel Update
Additionally, an internal power-on reset forces the
output voltage to zero at system turnon. An MSB pin
Internal Power-On Reset
allows system reset assertion (RS) to force all
Industry-Standard Pin Configuration
registers to zero code when MSB = 0, or to half-scale
code when MSB = 1.
2
Applications
The DAC8812 is available in a TSSOP-16 package.
Automatic Test Equipment
Instrumentation
Device Information(1)
Digitally Controlled Calibration
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC8812
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Space
Space
Space
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812B TI-DAC8812B Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812C TI-DAC8812C Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI-DAC8812IBPW Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI1-DAC8812IBPW Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPWG4 TI1-DAC8812IBPWG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com