Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8812 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC8812
Description  DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8812 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8812_15 Datasheet HTML 2Page - Texas Instruments DAC8812_15 Datasheet HTML 3Page - Texas Instruments DAC8812_15 Datasheet HTML 4Page - Texas Instruments DAC8812_15 Datasheet HTML 5Page - Texas Instruments DAC8812_15 Datasheet HTML 6Page - Texas Instruments DAC8812_15 Datasheet HTML 7Page - Texas Instruments DAC8812_15 Datasheet HTML 8Page - Texas Instruments DAC8812_15 Datasheet HTML 9Page - Texas Instruments DAC8812_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
DAC8812
SBAS349C – AUGUST 2005 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
VDD = 2.7 V to 5.5 V, IOUTX = Virtual GND, AGNDX = 0 V, VREFA, B = 10 V, TA = full operating temperature range, unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CHARACTERISTICS
VDD RANGE
Power supply range
2.7
5.5
V
Logic inputs = 0 V, VDD = 4.5 V to 5.5 V
2
5
μA
IDD
Positive supply current
Logic inputs = 0 V, VDD = 2.7 V to 3.6 V
1
2.5
μA
PDISS
Power dissipation
Logic inputs = 0 V
0.0275
mW
PSS
Power supply sensitivity
ΔVDD = ±5%
0.006%
AC CHARACTERISTICS(2) (3)
To ±0.1% of full-scale,
0.3
Data = 0000h to FFFFh to 0000h
ts
Output voltage settling time
µs
To ±0.0015% of full-scale,
0.5
Data = 0000h to FFFFh to 0000h
QG
DAC glitch impulse
VREFx = 10 V, data = 7FFFh to 8000h to 7FFFh
5
nV-s
BW –3 dB
Reference multiplying BW
VREFx = 100 mVRMS, data = FFFFh, CFB = 3 pF
10
MHz
Data = 0000h, VREFx = 100 mVRMS,
Feedthrough error
–70
dB
f = 100 kHz
Data = 0000h, VREFB = 100 mVRMS,
Crosstalk error
–100
dB
Adjacent channel, f = 100 kHz
QD
Digital feedthrough
CS = 1 and fCLK = 1 MHz
1
nV-s
THD
Total harmonic distortion
VREF = 5 VPP, data = FFFFh, f = 1 kHz
–105
dB
en
Output spot noise voltage
f = 1 kHz, BW = 1 Hz
12
nV/
√Hz
(3)
All ac characteristic tests are performed in a closed-loop system using a THS4011 I-to-V converter amplifier.
7.6 Timing Requirements
See Figure 1
MIN
NOM
MAX
UNIT
INTERFACE TIMING(1)
tCH
Clock duration, high
10
ns
tCL
Clock duration, low
10
ns
tCSS
CS to clock setup
0
ns
tCSH
Clock to CS hold
10
ns
tLDAC
Load DAC pulse duration
20
ns
tDS
Data setup
10
ns
tDH
Data hold
10
ns
tLDS
Load setup
5
ns
tLDH
Load hold
25
ns
(1)
All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
7.7 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERFACE TIMING
tPD
Clock to SDO propagation delay
2
20
ns
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: DAC8812


Similar Part No. - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812B TI-DAC8812B Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812C TI-DAC8812C Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI-DAC8812IBPW Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPW TI1-DAC8812IBPW Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPWG4 TI1-DAC8812IBPWG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8812_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com