Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5250S Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5250S
Description  Power Distribution Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5250S Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5250S Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.5
Mar 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5250S
Global Mixed-mode Technology
Power Distribution Switch
Features
70m
Ω High-Side MOSFET
Operating Range:2.7V to 5.5V
1mS Typical Rise Time
Fast Overcurrent Response 1.5µs (TYP.)
Under voltage Lockout
130µA Quiescent Supply Current
1µA Maximum Shutdown Supply Current
No Reverse Current when Power Off
Deglitched Open-Drain Over-Current Flag
Output (
OC )
Output Reverse-Voltage Protection
SOT-23-5 Packages
Applications
High-Side Power Protection Switch
USB Power Management
USB Host and Self-Powered Bubs
USB Bus-Powered Hubs
Hot Plug-In Power Supplies
Battery-Charger Circuits
General Description
The G5250S is an integrated power switch for
self-powered and bus-powered Universal Serial Bus
(USB) applications.
Several Protection features include current limiting and
thermal shutdown to prevent catastrophic switch fail-
ure caused by increasing power dissipation when con-
tinuous heavy loads or short circuit occurs. A built-in
charge pump is used to drive the N-channel MOSFET
that is free of parasitic body diode to eliminate any
reversed current flow across the switch when it is pow-
ered off. When the output voltage is higher than input
voltage, the power switch is turned off by internal out-
put reverse-voltage comparator.
OC is open-drain output report over-current or
over-temperature event and has typical 9ms deglitch
timeout period. In addition,
OC also reports output
reverse-voltage condition with typical 5ms deglitch
timeout period.
Ordering Information
ORDER
NUMBER
MARKING
ENABLE
Current
Limit
Output
MOS
RDS(ON)
TEMP.
RANGE
PACKAGE
(Green)
G5250S1T11U
50S1x
Active High
1A
70m
Ω
-40oC to +85oC
SOT-23-5
Note:T1: SOT-23-5
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
OC
EN
SOT-23-5
5
4
1
OUT
2
3
GND
IN
G5250S
V
OUT
C
OUT
22µF
ON
C
IN
1µF
V
IN
100k
Ω
OFF
EN
IN
GND
OUT
OC
FLAG
5
4
2
1
3
OC
EN
SOT-23-5
5
4
1
OUT
2
3
GND
IN
G5250S
V
OUT
C
OUT
22µF
ON
C
IN
1µF
V
IN
100k
Ω
OFF
EN
IN
GND
OUT
OC
FLAG
5
4
2
1
3


Similar Part No. - G5250S

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
   Power Distribution Switch
More results

Similar Description - G5250S

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Unisonic Technologies
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
   POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
   Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
   Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
   POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
   Power Distribution Switch
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
   Power Distribution Switch
Ver: 0.94 Aug 02, 2016
G548S GMT-G548S Datasheet
123Kb / 1P
   Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
   Power Distribution Switch
G557 GMT-G557 Datasheet
75Kb / 1P
   Power Distribution Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com