Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-357 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 050-357
Description  SMPTE HD-SDI AND 3G-SDI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-357 Datasheet(HTML) 3 Page - Glenair, Inc.

  050-357 Datasheet HTML 1Page - Glenair, Inc. 050-357 Datasheet HTML 2Page - Glenair, Inc. 050-357 Datasheet HTML 3Page - Glenair, Inc. 050-357 Datasheet HTML 4Page - Glenair, Inc. 050-357 Datasheet HTML 5Page - Glenair, Inc. 050-357 Datasheet HTML 6Page - Glenair, Inc. 050-357 Datasheet HTML 7Page - Glenair, Inc. 050-357 Datasheet HTML 8Page - Glenair, Inc. 050-357 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
©2015 Glenair, Inc.
REV: 1
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 3 of 15
E-mail: sales@glenair.com
050-357 Product Brief
PCB Mount Dual-Receiver
HD-SDI & 3G-SDI, SMF, 3.3V
Ratings and Specifications
TABLE 2 ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Storage Temperature
Ts
-55
+100
°C
Supply Voltage
Vcc
-0.4
3.8
V
VccR may not differ by more than
0.5V
TABLE 3 OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Operating Temperature, Case
Top
-40
+85
°C
Supply Voltage
Vcc
3.135
3.3
3.465
V
Supply Current
Icc
180
250
mA
Typical @ +85°C
Power Supply Noise (Peak-Peak)
Vcc_ripple
100
mV
TABLE 4 ELECTRO-OPTICAL CHARACTERISTICS - RECEIVER
Parameter
Symbol
Min
Typ
Max
Units
Notes
050-357-1-D
Sensitivity, BER 10
-12, PRBS 2-7-1, Er 10 dB
PIN
-23
-20
dBm
PIN PD @ 1.485 Gbps
050-357-2-D
Sensitivity, BER 10
-12, PRBS 2-7-1, Er 10 dB
PIN
-22
-19
dBm
PIN PD @ 2.970 Gbps
Overload, BER 10
-12, PRBS 2-7-1
PIN
-1
dBm
@1.485 Gbps or @ 2.970 Gbps
Optical Wavelength
λ
IN
1200
1600
nm
Receiver Differential Output Impedance
Zout
100
Ohms
AC coupled internally
Differential Output Voltage Swing
Vout_d
600
1200
mV
CML, 100 ohm
LOS Assert Level
LOS
-25
-22
dBm
@1.485 Gbps or @ 2.970 Gbps
LOS Hysteresis
LOSHYS
1.25
2.3
dB
@1.485 Gbps or @ 2.970 Gbps


Similar Part No. - 050-357

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
SMPTE 3G-SDI AND HD-SDI
More results

Similar Description - 050-357

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
SMPTE HD-SDI AND 3G-SDI
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
SMPTE 3G-SDI AND HD-SDI
050_332 GLENAIR-050_332 Datasheet
708Kb / 16P
SMPTE HD-SDI AND 3G-SDI
050_358 GLENAIR-050_358 Datasheet
495Kb / 16P
SMPTE 3G-SDI
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
SMPTE HD-SDI
logo
Semtech Corporation
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com