Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-357 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050-357
Description  SMPTE HD-SDI AND 3G-SDI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-357 Datasheet(HTML) 2 Page - Glenair, Inc.

  050-357 Datasheet HTML 1Page - Glenair, Inc. 050-357 Datasheet HTML 2Page - Glenair, Inc. 050-357 Datasheet HTML 3Page - Glenair, Inc. 050-357 Datasheet HTML 4Page - Glenair, Inc. 050-357 Datasheet HTML 5Page - Glenair, Inc. 050-357 Datasheet HTML 6Page - Glenair, Inc. 050-357 Datasheet HTML 7Page - Glenair, Inc. 050-357 Datasheet HTML 8Page - Glenair, Inc. 050-357 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2015 Glenair, Inc.
REV: 1
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 15
E-mail: sales@glenair.com
050-357 Product Brief
PCB Mount Dual-Receiver
HD-SDI & 3G-SDI, SMF, 3.3V
PCB Mount Fiber Optic Dual-Receiver, 1.485Gbps-2.970Gbps, SMF, 3.3V
Glenair 050-357, is a ruggedized harsh environment PCB mount Dual-Receiver with
electrical and optical functionality equivalent to SFP Dual-Receivers but with
mechanical design that is suited to the harsh temperature and vibration environments
found in Military, Aerospace, Railway, Oil and Gas, and Industrial applications. The
PCB mount optical Dual-Receivers also support optional Digital Monitoring Interface
(DMI) features in accordance with SFF 8472.
The receiver includes two (2) Receiver Optical Subassemblies (ROSA) and
amplification/quantization circuitry. The ROSAs, containing a PIN photodiode and
trans-impedance preamplifier, are located at the optical interface and mate with the GC
optical connector. Each ROSA is followed by a limiting amplifier IC that provides post-
amplification and quantization. Also included is a Loss Of Signal (LOS) detection
circuit. These receiver designs are specifically targeted at to support SMPTE 424 (3G-
SDI) and SMPTE 292 (HD-SDI), with special considerations to comply with the SMPTE
Pathological test cases as described in SMPTE EG 34:2004. This transceivers
support BER <10-12 with Pathological test conditions CASE1, CASE2, and CASE3.
HOW TO ORDER
Table 1
Part Number Options
Part Number
Description
050-357-1-D
HD-SDI, with DMI
050-357-2-D
3G-SDI, with DMI
KEY FEATURES/BENEFITS
SMPTE EG 34:2004
Compliant to Pathological
Conditions CASE 1, CASE 2, and CASE 3.
SMPTE ST 297:2006 (3G-SDI & HD-SDI)
SMPTE 424 Compliant (3G-SDI)
SMPTE 292 Compliant (HD-SDI)
SFP Compatible Electrical I/O signal levels
PIN PD to support high sensitivity up to 3 Gbps
Industry standard CML outputs that make for
simple integration on customer host PCB
Glenair Rugged GC Optical connector for high
shock and vibration applications
Module is securely mounted with screws to PCB
to ensure excellent shock and vibration
performance
High-Speed Electrical plug-in connector eliminates
the need for soldering & enables ease of servicing
Captive screws to simplify assembly operations
Compact size: Approx 0.8” x 0.9” x 0.5”
-40
°C to +85°C Operating Case Temperature
Glenair fiber jumpers connect from PCB Mount
Module to any Glenair Mil/Aero Fiber Optic
Connector Style
Evaluation fixtures available
Digital Diagnostic and Monitoring (DMI) based on
SFF-8472, enables monitoring of:
o
Received optical power for each receiver
o
Temperature
o
Supply voltage
APPLICATIONS
Harsh Environment such as: Airborne, Tactical,
Railway, Industrial, Oil and Gas and Shipboard
applications
o
SMPTE 3G & HD-SDI Video Applications


Similar Part No. - 050-357

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
More results

Similar Description - 050-357

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
050_332 GLENAIR-050_332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050_358 GLENAIR-050_358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
   SMPTE HD-SDI
logo
Semtech Corporation
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
   3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
   3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com