Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-357 Datasheet(PDF) 15 Page - Glenair, Inc.

Part # 050-357
Description  SMPTE HD-SDI AND 3G-SDI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-357 Datasheet(HTML) 15 Page - Glenair, Inc.

Back Button 050-357 Datasheet HTML 7Page - Glenair, Inc. 050-357 Datasheet HTML 8Page - Glenair, Inc. 050-357 Datasheet HTML 9Page - Glenair, Inc. 050-357 Datasheet HTML 10Page - Glenair, Inc. 050-357 Datasheet HTML 11Page - Glenair, Inc. 050-357 Datasheet HTML 12Page - Glenair, Inc. 050-357 Datasheet HTML 13Page - Glenair, Inc. 050-357 Datasheet HTML 14Page - Glenair, Inc. 050-357 Datasheet HTML 15Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
©2015 Glenair, Inc.
REV: 1
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 15 of 15
E-mail: sales@glenair.com
050-357 Product Brief
PCB Mount Dual-Receiver
HD-SDI & 3G-SDI, SMF, 3.3V
ACCESSORIES
Fiber Optic Jumper Cables to support connection to Mil/Aerospace Connectors
KEY FEATURES:
Jumper cable between Glenair PCB Mount Module (end A) and Mil/Aero Connector termini (End B)
Offered with either Multimode and Single Mode fibers
PCB Threaded Inserts, PN 059-0007
KEY FEATURES
Simplifies installation of PCB mount PCB Mount Modules eliminating the need for washers and nuts
Soldered to PCB to eliminate need for handling nuts during assembly
Existing Options to support PCB thickness from 0.03” to 0.92”
Can support thicker PCB if required
EVALUATION Boards, PN 050-330 Include
MANUAL with test block diagram, schematic and
Evaluation board PCBA
Multiple types of PCB mount modules supported by this evaluation board
2 fiber optic cables (GC connector to LC connector)
FIGURE 6
Fiber Optic Jumper Cable Assembly (see separate Glenair sales drawing FA02454 for details)


Similar Part No. - 050-357

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
More results

Similar Description - 050-357

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
050_332 GLENAIR-050_332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050_358 GLENAIR-050_358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
   SMPTE HD-SDI
logo
Semtech Corporation
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
   3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
   3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com