Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-357 Datasheet(PDF) 12 Page - Glenair, Inc.

Part # 050-357
Description  SMPTE HD-SDI AND 3G-SDI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-357 Datasheet(HTML) 12 Page - Glenair, Inc.

Back Button 050-357 Datasheet HTML 7Page - Glenair, Inc. 050-357 Datasheet HTML 8Page - Glenair, Inc. 050-357 Datasheet HTML 9Page - Glenair, Inc. 050-357 Datasheet HTML 10Page - Glenair, Inc. 050-357 Datasheet HTML 11Page - Glenair, Inc. 050-357 Datasheet HTML 12Page - Glenair, Inc. 050-357 Datasheet HTML 13Page - Glenair, Inc. 050-357 Datasheet HTML 14Page - Glenair, Inc. 050-357 Datasheet HTML 15Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
©2015 Glenair, Inc.
REV: 1
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 12 of 15
E-mail: sales@glenair.com
050-357 Product Brief
PCB Mount Dual-Receiver
HD-SDI & 3G-SDI, SMF, 3.3V
Byte
Decimal
#
Hex
Data
Notes
Byte
Decimal
#
Hex
Data
Notes
0
80
Glenair PCB mount Dual-Receiver
37
00
Vendor OUI (NOT USED)
1
04
Serial ID Module Definition
38
00
Vendor OUI (NOT USED)
2
80
“GC” Fiber Optic Connector
39
00
Vendor OUI (NOT USED)
3
00
40
30
“0” Vendor Part Number ASCII character
4
00
41
35
“5” Vendor Part Number ASCII character
5
00
42
30
“0” Vendor Part Number ASCII character
6
00
43
2D
“-“ Vendor Part Number ASCII character
7
00
44
33
“3” Vendor Part Number ASCII character
8
00
45
35
“5” Vendor Part Number ASCII character
9
00
46
37
“7” Vendor Part Number ASCII character
10
00
47
2D
“-“ Vendor Part Number ASCII character
11
03
NRZ
48
32
“2” Vendor Part Number ASCII character
12
1E
BR, 3Gbps
49
2D
“-“ Vendor Part Number ASCII character
13
00
50
44
“ D“ Vendor Part Number ASCII Character
14
00
51
20
Note 5
15
64
10km of 9//125μm Fiber @ 2.97 Gbps
52
20
“ “ Vendor Part Number ASCII Character
16
00
53
20
“ “ Vendor Part Number ASCII Character
17
00
54
20
“ “ Vendor Part Number ASCII Character
18
00
55
20
“ “ Vendor Part Number ASCII Character
19
00
56
20
“ “ Vendor REV Level ASCII Character
20
47
“G” Vendor NAME ASCII Character
57
20
“ “ Vendor REV Level ASCII Character
21
4C
“L” Vendor NAME ASCII Character
58
20
“ “ Vendor REV Level ASCII Character
22
45
“E” Vendor NAME ASCII Character
59
20
“ “ Vendor REV Level ASCII Character
23
4E
“N” Vendor NAME ASCII Character
60
05
Hex Byte of Laser Wavelength (Note 6)
24
41
“A” Vendor NAME ASCII Character
61
1E
Hex Byte of Laser Wavelength (Note 6)
25
49
“I” Vendor NAME ASCII Character
62
RESERVED
26
52
“R” Vendor NAME ASCII Character
63
Check sum code for ID fields 0-62 (Note 7)
27
20
“ “ Vendor NAME ASCII Character
64
00
28
20
“ “ Vendor NAME ASCII Character
65
02
RX_ LOS
29
20
“ “ Vendor NAME ASCII Character
66
00
30
20
“ “ Vendor NAME ASCII Character
67
00
31
20
“ “ Vendor NAME ASCII Character
68-83
Serial Number, ASCII (Note 8)
32
20
“ “ Vendor NAME ASCII Character
84-91
Date Code (Note 9)
33
20
“ “ Vendor NAME ASCII Character
92
68
Diagnostic Monitoring Type
34
20
“ “ Vendor NAME ASCII Character
93
90
Enhanced Options
35
20
“ “ Vendor NAME ASCII Character
94
05
SFF-8472 rev 11.0
36
00
95
Checksum for bytes 64-94 (Note 7)
96-255
00
Notes:
1. RESERVED
2. OM3 (2000 MHz-km)
3. OM1 (275 MHz-km)
4. RESERVED..
5. Table 1, Part number options/extensions
6. Laser wavelength is represented in 16 unsigned bits. The hex representation of 1310nm is 051E.
7. Addresses 63 and 95 are checksums calculated per SFF-8472 and SFF-8074, and stored prior to product shipment.
8. Addresses 68-83 specify the module’s ASCII serial number and will vary by unit.
9. Addresses 84-91 specify the module’s ASCII date code and will vary according to manufactured date-code.
TABLE 7
TWO-WIRE INTERFACE ID: DATA FIELDS – ADDRESS A0h


Similar Part No. - 050-357

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
SMPTE 3G-SDI AND HD-SDI
More results

Similar Description - 050-357

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
SMPTE HD-SDI AND 3G-SDI
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
SMPTE 3G-SDI AND HD-SDI
050_332 GLENAIR-050_332 Datasheet
708Kb / 16P
SMPTE HD-SDI AND 3G-SDI
050_358 GLENAIR-050_358 Datasheet
495Kb / 16P
SMPTE 3G-SDI
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
SMPTE HD-SDI
logo
Semtech Corporation
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com