Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-357 Datasheet(PDF) 11 Page - Glenair, Inc.

Part # 050-357
Description  SMPTE HD-SDI AND 3G-SDI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-357 Datasheet(HTML) 11 Page - Glenair, Inc.

Back Button 050-357 Datasheet HTML 7Page - Glenair, Inc. 050-357 Datasheet HTML 8Page - Glenair, Inc. 050-357 Datasheet HTML 9Page - Glenair, Inc. 050-357 Datasheet HTML 10Page - Glenair, Inc. 050-357 Datasheet HTML 11Page - Glenair, Inc. 050-357 Datasheet HTML 12Page - Glenair, Inc. 050-357 Datasheet HTML 13Page - Glenair, Inc. 050-357 Datasheet HTML 14Page - Glenair, Inc. 050-357 Datasheet HTML 15Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
©2015 Glenair, Inc.
REV: 1
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 11 of 15
E-mail: sales@glenair.com
050-357 Product Brief
PCB Mount Dual-Receiver
HD-SDI & 3G-SDI, SMF, 3.3V
Application Support
To assist in the Dual-Receiver design and evaluation process, Glenair offers the following aids:
Evaluation board & Product Manual, part number 050-330, which facilitates in the testing of the PCB mount Dual-
Receiver.
3D Step file to support modeling of mechanical fit and routing
PADS schematic and PCB layout library files that can be exported into customer’s PCB software design program
Applications Aid Example of PCB layout including details of high speed transmission designs
Customer Manufacturing Processes
This module is mounted with screws and interfaces with a high-speed low cost surface mount electrical connector residing
on the host PC board. The PCB mount Dual-Receiver is not designed for aqueous wash, IR reflow, or wave soldering
processes and should be mounted on the host board after host PC board has been through its assembly process.


Similar Part No. - 050-357

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
More results

Similar Description - 050-357

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
050_332 GLENAIR-050_332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050_358 GLENAIR-050_358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
   SMPTE HD-SDI
logo
Semtech Corporation
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
   3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
   3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com