Electronic Components Datasheet Search |
|
050-357 Datasheet(PDF) 10 Page - Glenair, Inc. |
|
|
050-357 Datasheet(HTML) 10 Page - Glenair, Inc. |
10 / 15 page ©2015 Glenair, Inc. REV: 1 US Cage Code 06324 Printed in USA GLENAIR, INC. ∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497 ∙ TEL: 818-247-6000 ∙ FAX: 818-500-9912 www.glenair.com PAGE 10 of 15 E-mail: sales@glenair.com 050-357 Product Brief PCB Mount Dual-Receiver HD-SDI & 3G-SDI, SMF, 3.3V Required Host Board Components A power supply noise rejection filter as describe in SFP MSA is required on the host PCB to meet data sheet performance. This is filter incorporates an inductor which should be rated to 400 mADC and 1 Ω series resistance or better. It should not be replaced with a ferrite. The required filter is illustrated in Figure 5. Also, the host PCB for the PCB mount Dual-Receiver requires 4.7 K to 10 KΩ pull-up resistors for TX_FAULT, LOS, SCA and SDL lines. FIGURE 5 RECOMMENDED HOST BOARD POWER SUPPLY FILTERING CIRCUIT Fiber Compatibility The Dual-Receiver is capable of error free signal detection at 2 to 1000 meters with OM4 50/125 μm fiber, 2 to 220 meters with OM2 50/125 μm fiber, and at 2 to110 meters with OM1 62.5/ 125 μm fiber, for 3G-SDI data rate Electrostatic Discharge (ESD) The Dual-Receiver is compatible with ESD levels found in typical manufacturing and operating environments as described JEDEC EIA JESD22-A114-A, Class 1 (<2000Volts) HBM. Glenair recommends that devices are handled with ESD precautions to limit exposure to below 500V HBM. There are two design cases in which immunity to ESD damage is important. The first case is during handling of the Dual- Receiver prior to insertion to the host board. To protect the Dual-Receiver, it’s important to use standard industry ESD handling precautions. These precautions include using grounded wrist straps, work benches, and floor mats in ESD controlled areas. The ESD sensitivity of the Glenair PCB mount Dual-Receiver is compatible with typical industry production environments. The second case to consider is static discharges to the exterior of the host equipment after installation, in which case the Dual-Receiver may be subject to system-level ESD requirements. |
Similar Part No. - 050-357 |
|
Similar Description - 050-357 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |