Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-356 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 050-356
Description  PC BOARD MOUNT CWDM DUAL-TRANSMITTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-356 Datasheet(HTML) 3 Page - Glenair, Inc.

  050-356 Datasheet HTML 1Page - Glenair, Inc. 050-356 Datasheet HTML 2Page - Glenair, Inc. 050-356 Datasheet HTML 3Page - Glenair, Inc. 050-356 Datasheet HTML 4Page - Glenair, Inc. 050-356 Datasheet HTML 5Page - Glenair, Inc. 050-356 Datasheet HTML 6Page - Glenair, Inc. 050-356 Datasheet HTML 7Page - Glenair, Inc. 050-356 Datasheet HTML 8Page - Glenair, Inc. 050-356 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 3 of 16
E-mail: sales@glenair.com
050-356 Product Brief
PCB Mount CWDM Dual-Transmitter
100 Mbps – 2.5 Gbps SMF, 3.3V
Ratings and Specifications
TABLE 2 ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Storage Temperature
Ts
-55
+100
°C
Supply Voltage
Vcc
-0.4
3.8
V
VccT may not differ by more than
0.5V
TABLE 3 OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Operating Temperature, Case
Top
-40
+85
°C
Supply Voltage
Vcc
3.135
3.3
3.465
V
Supply Current
Icc
180
250
mA
Typical @ +85°C
Power Supply Noise (Peak-Peak)
Vcc_ripple
100
mV
TABLE 4 ELECTRO-OPTICAL CHARACTERISTICS – TRANSMITTER
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical Output Power
POUT
-1
1.5
+3.5
dBm
100Mbps – 2.5 Gbps
Extinction Ratio, 1.25Gbps
Er
5
10
dB
Exceeds OMA for GbE, 1FC
Optical Wavelength, “27”, 1271 nm
λ
OUT
1261
1271
1278.5
nm
Optical Wavelength, “29”, 1291 nm
1281
1291
1298.5
Optical Wavelength, “31”, 1311 nm
1301
1311
1318.5
Optical Wavelength, “33”, 1331 nm
1321
1331
1338.5
Optical Wavelength, “35”, 1350 nm
1341
1351
1358.5
Optical Wavelength, “37”, 1370 nm
1361
1371
1378.5
Optical Wavelength, “39”, 1399 nm
1381
1391
1398.5
Optical Wavelength, “41”, 1410 nm
1401
1411
1418.5
Spectral Width, rms
Δλ
1
nm
Side Mode Suppression Ratio
SMSR
30
dB
Relative Intensity Noise
RIN
-117
dB/Hz
Transmitter Differential Input Impedance
Zin
100
Ohms
AC coupled Internally
Differential Input Voltage
Vin_d
250
2200
mVp-p
CML, 100 ohm


Similar Part No. - 050-356

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
More results

Similar Description - 050-356

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_356 GLENAIR-050_356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-331 GLENAIR-050-331 Datasheet
682Kb / 16P
PC BOARD MOUNT DUAL-TRANSMITTER
050_331 GLENAIR-050_331 Datasheet
682Kb / 16P
PC BOARD MOUNT DUAL-TRANSMITTER
050-316 GLENAIR-050-316 Datasheet
474Kb / 15P
100 MBPS-5 GBPS PC BOARD MOUNT DUAL-TRANSMITTER
050-319 GLENAIR-050-319 Datasheet
481Kb / 15P
PC BOARD MOUNT DUAL-TRANSMITTER FOR SINGLE MODE FIBER
050-342 GLENAIR-050-342 Datasheet
488Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
logo
Optoway Technology Inc
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9350VW-CXXCYYG OPTOWAY-SPS-9350VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9330VW-CXXCYYG OPTOWAY-SPS-9330VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com