Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-356 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050-356
Description  PC BOARD MOUNT CWDM DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-356 Datasheet(HTML) 2 Page - Glenair, Inc.

  050-356 Datasheet HTML 1Page - Glenair, Inc. 050-356 Datasheet HTML 2Page - Glenair, Inc. 050-356 Datasheet HTML 3Page - Glenair, Inc. 050-356 Datasheet HTML 4Page - Glenair, Inc. 050-356 Datasheet HTML 5Page - Glenair, Inc. 050-356 Datasheet HTML 6Page - Glenair, Inc. 050-356 Datasheet HTML 7Page - Glenair, Inc. 050-356 Datasheet HTML 8Page - Glenair, Inc. 050-356 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 16
E-mail: sales@glenair.com
050-356 Product Brief
PCB Mount CWDM Dual-Transmitter
100 Mbps – 2.5 Gbps SMF, 3.3V
PCB Mount CWDM Dual-Transmitter, 100Mbps-2.5Gbps, SMF, 3.3V
Glenair 050-356, is a ruggedized harsh environment PC Board Mount Dual-transmitter
with electrical and optical functionality similar to transmitters in SFP transceivers but
with mechanical design that is suited to the harsh temperature and vibration
environments found in Military, Aerospace, Railway, Oil and Gas, and Industrial
applications. The board mount optical dual-transmitters also support Digital
Monitoring Interface (DMI) features in accordance with SFF 8472. The dual-transmitter
interfaces with a host board through a high speed electrical connector.
Each transmitter includes a Transmitter Optical Subassembly (TOSA) and laser driver
circuitry. The TOSA incorporates ITU CWDM wavelength DFB lasers to convert
electrical signals to fiber optic signals; the output of the TOSA mates with the GC
optical connector. The laser driver circuitry regulates the optical output power at
relatively constant levels over operating conditions for signals data patterns that are
DC balanced (for example 8B10B encoding).
.
KEY FEATURES/BENEFITS
SFP Compatible Electrical I/O signal levels
Industry standard CML input and outputs that
make for simple integration on customer host PCB
CWDM DFB Lasers to support up to 2.5 Gbps
Industry standard CML input and outputs that
make for simple integration on customer host PCB
Glenair Rugged GC Optical connector withstand
high shock and vibration
Dual-transmitter is securely mounted with screws
to PCB to ensure excellent shock and vibration
performance
High-Speed Electrical plug-in connector eliminates
the need for soldering & enables ease of servicing
Captive screws to simplify assembly operations
Compact size: ~ 0.8” x 0.9” x 0.5”
-40
°C to +85°C Operating Case Temperature
Glenair fiber jumpers, FA02454, connect from
dual-transmitter to any Glenair Mil/Aero Fiber
Optic Connector
Evaluation fixtures available
Digital Diagnostic and Monitoring (DMI) based on
SFF-8472, enables monitoring of:
o
Transmitted optical power for each
channel
o
Laser bias current per laser
o
Temperature
o
Supply voltage
APPLICATIONS
Harsh Environment such as: Airborne, Tactical,
Railway, Industrial, Oil and Gas and Shipboard
applications
o
Ethernet, Fibrechannel, 1x, 2x, SFPDP


Similar Part No. - 050-356

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
More results

Similar Description - 050-356

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9330VW-CXXCYYG OPTOWAY-SPS-9330VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9350VW-CXXCYYG OPTOWAY-SPS-9350VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
logo
Glenair, Inc.
050_331 GLENAIR-050_331 Datasheet
682Kb / 16P
PC BOARD MOUNT DUAL-TRANSMITTER
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_356 GLENAIR-050_356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-316 GLENAIR-050-316 Datasheet
474Kb / 15P
100 MBPS-5 GBPS PC BOARD MOUNT DUAL-TRANSMITTER
050-319 GLENAIR-050-319 Datasheet
481Kb / 15P
PC BOARD MOUNT DUAL-TRANSMITTER FOR SINGLE MODE FIBER
050-331 GLENAIR-050-331 Datasheet
682Kb / 16P
PC BOARD MOUNT DUAL-TRANSMITTER
050-342 GLENAIR-050-342 Datasheet
488Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com