Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-356 Datasheet(PDF) 10 Page - Glenair, Inc.

Part # 050-356
Description  PC BOARD MOUNT CWDM DUAL-TRANSMITTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-356 Datasheet(HTML) 10 Page - Glenair, Inc.

Back Button 050-356 Datasheet HTML 6Page - Glenair, Inc. 050-356 Datasheet HTML 7Page - Glenair, Inc. 050-356 Datasheet HTML 8Page - Glenair, Inc. 050-356 Datasheet HTML 9Page - Glenair, Inc. 050-356 Datasheet HTML 10Page - Glenair, Inc. 050-356 Datasheet HTML 11Page - Glenair, Inc. 050-356 Datasheet HTML 12Page - Glenair, Inc. 050-356 Datasheet HTML 13Page - Glenair, Inc. 050-356 Datasheet HTML 14Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 10 of 16
E-mail: sales@glenair.com
050-356 Product Brief
PCB Mount CWDM Dual-Transmitter
100 Mbps – 2.5 Gbps SMF, 3.3V
Predictive Failure Identification
The predictive failure feature allows a host to identify potential link problems before system performance is impacted. Prior
identification of link problems enables a host to service an application via “fail over” to a redundant link or replace a
suspect device, maintaining system uptime in the process. For applications where ultra-high system uptime is required,
the PCB mount Transceiver provides a means to monitor two real-time laser metrics associated with observing laser
degradation and predicting failure: average laser bias current (Tx_Bias) and average laser optical power (Tx_Power).
Compliance Prediction
Compliance prediction is the ability to determine if an optical transceiver is operating within its operating and
environmental requirements. The PCB mount Transceiver provide real-time access to transceiver internal supply voltage
and temperature, allowing a host to identify potential component compliance issues. Received optical power is also
available to assess compliance of fiber cable plant and remote transmitter. When operating out of requirements, the link
cannot guarantee error free transmission.
Fault Isolation
The fault isolation feature allows a host to quickly pinpoint the location of a link failure, minimizing downtime. For optical
links, the ability to identify a fault at a local device, remote device or cable plant is crucial to speeding service of an
installation. PCB mount Transceiver real-time monitors of Tx_Bias, Tx_Power, Vcc, and Temperature can be used to
assess local transceiver current operating conditions.
Component Monitoring
Component evaluation is another use of the PCB mount Transceiver real-time monitors of Tx_Bias, Tx_Power, Vcc, and
Temperature. Potential uses are as debugging aids for system installation and design, and transceiver parametric
evaluation for factory or field qualification. For example, temperature per module can be observed in high density
applications to facilitate thermal evaluation of systems that incorporate this PCB mount transceiver
Required Host Board Components
A power supply noise rejection filter as describe in SFP MSA is required on the host PCB to meet data sheet
performance. This is filter incorporates an inductor which should be rated to
400 mADC and 1 Ω series resistance or
better. It should not be replaced with a ferrite. The required filter is illustrated in Figure 4. Also, the host PCB for the PCB
mount
transceiver requires 4.7 K to 10 KΩ pull-up resistors for TX_FAULT,SCA and SDL lines.


Similar Part No. - 050-356

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
More results

Similar Description - 050-356

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_356 GLENAIR-050_356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-331 GLENAIR-050-331 Datasheet
682Kb / 16P
PC BOARD MOUNT DUAL-TRANSMITTER
050_331 GLENAIR-050_331 Datasheet
682Kb / 16P
PC BOARD MOUNT DUAL-TRANSMITTER
050-316 GLENAIR-050-316 Datasheet
474Kb / 15P
100 MBPS-5 GBPS PC BOARD MOUNT DUAL-TRANSMITTER
050-319 GLENAIR-050-319 Datasheet
481Kb / 15P
PC BOARD MOUNT DUAL-TRANSMITTER FOR SINGLE MODE FIBER
050-342 GLENAIR-050-342 Datasheet
488Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
logo
Optoway Technology Inc
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9350VW-CXXCYYG OPTOWAY-SPS-9350VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9330VW-CXXCYYG OPTOWAY-SPS-9330VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com