Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-356 Datasheet(PDF) 7 Page - Glenair, Inc.

Part # 050-356
Description  PC BOARD MOUNT CWDM DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-356 Datasheet(HTML) 7 Page - Glenair, Inc.

Back Button 050-356 Datasheet HTML 3Page - Glenair, Inc. 050-356 Datasheet HTML 4Page - Glenair, Inc. 050-356 Datasheet HTML 5Page - Glenair, Inc. 050-356 Datasheet HTML 6Page - Glenair, Inc. 050-356 Datasheet HTML 7Page - Glenair, Inc. 050-356 Datasheet HTML 8Page - Glenair, Inc. 050-356 Datasheet HTML 9Page - Glenair, Inc. 050-356 Datasheet HTML 10Page - Glenair, Inc. 050-356 Datasheet HTML 11Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 7 of 16
E-mail: sales@glenair.com
050-356 Product Brief
PCB Mount CWDM Dual-Transmitter
100 Mbps – 2.5 Gbps SMF, 3.3V
Eye Safety Circuit
The Transmitters provide Class 1 eye safety by design and are compliant with US FDA CDRH AEL Class 1 and EN(IEC)
60825-1,2, EN60950 Class 1. The eye safety circuit continuously monitors optical output power levels and will disable the
transmitter and assert a TX_FAULT signal upon detecting an unsafe condition. Such unsafe conditions can be created by
inputs from the host board (Vcc fluctuation, unbalanced code) or faults within the module.
FUNCTIONAL I/O
The PC board mount dual-transmitter accepts industry standard differential signals such as LVPECL and CML within the
scope of the SFP MSA. To simplify board requirements, transmitter bias resistors and ac coupling capacitors are
incorporated, per SFF-8074i, and hence are not required on the host board. The module is AC-coupled and internally
terminated.
Figure 3 illustrates a recommended interface circuit to link the PC board mount dual-transmitter to the supporting Physical
Layer integrated circuits.
The PC board mount dual-transmitter interfaces with the host circuit board through twenty I/O pins identified by function in
Table 7. The dual-transmitter high speed transmit and receive interfaces require SFP MSA compliant signal lines on the
host board. The TX1_DISABLE, TX2_DISABLE, TX1_FAULT and TX2_FAULT require TTL lines on the host board (per
SFF-8074i) if used. If an application chooses not to take advantage of the functionality of these pins TX1_Disable and
TX2_Disable need to be tied to GND, TX1_Fault , TX2_Fault do not need to be connected.
.


Similar Part No. - 050-356

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
More results

Similar Description - 050-356

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9330VW-CXXCYYG OPTOWAY-SPS-9330VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9350VW-CXXCYYG OPTOWAY-SPS-9350VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
logo
Glenair, Inc.
050_331 GLENAIR-050_331 Datasheet
682Kb / 16P
PC BOARD MOUNT DUAL-TRANSMITTER
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_356 GLENAIR-050_356 Datasheet
489Kb / 16P
PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-316 GLENAIR-050-316 Datasheet
474Kb / 15P
100 MBPS-5 GBPS PC BOARD MOUNT DUAL-TRANSMITTER
050-319 GLENAIR-050-319 Datasheet
481Kb / 15P
PC BOARD MOUNT DUAL-TRANSMITTER FOR SINGLE MODE FIBER
050-331 GLENAIR-050-331 Datasheet
682Kb / 16P
PC BOARD MOUNT DUAL-TRANSMITTER
050-342 GLENAIR-050-342 Datasheet
488Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com