Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-342 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050-342
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-342 Datasheet(HTML) 2 Page - Glenair, Inc.

  050-342 Datasheet HTML 1Page - Glenair, Inc. 050-342 Datasheet HTML 2Page - Glenair, Inc. 050-342 Datasheet HTML 3Page - Glenair, Inc. 050-342 Datasheet HTML 4Page - Glenair, Inc. 050-342 Datasheet HTML 5Page - Glenair, Inc. 050-342 Datasheet HTML 6Page - Glenair, Inc. 050-342 Datasheet HTML 7Page - Glenair, Inc. 050-342 Datasheet HTML 8Page - Glenair, Inc. 050-342 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2013 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 15
E-mail: sales@glenair.com
050-342 Product Brief
PCB Mount CWDM Transceiver
100 Mbps – 2.5 Gbps, SMF, 3.3V
PCB Mount Fiber Optic CWDM Transceiver, 100M-2.5Gbps, SMF, 3.3V
Glenair 050-342, is a ruggedized harsh environment PCB mount Transceiver
with electrical and optical functionality equivalent to SFP transceivers but with
mechanical design that is suited to the harsh temperature and vibration environments
found in the Military, Aerospace, Railway, Oil and Gas, and Industrial applications.
The PCB mount optical transceivers also support Digital Monitoring Interface (DMI)
features in accordance with SFF 8472. The Transceiver is comprised of a transmitter
section and a receiver section that resides on a common package and interface with a
host board through a high speed electrical connector.
The transmitter section consists of a CWDM DFB Transmitter Optical
Subassembly (TOSA) and laser driver. The TOSA is driven by a laser driver, which
converts differential CML logic signals into an analog laser diode drive current. This
laser driver circuit requires DC balanced input signals to operate properly (examples of
balanced signals would include 4B/5B or 8B10B encoding)
The receiver section consists of a Receiver Optical Subassembly (ROSA) and
limiting amplifier to provide quantized CML output signals.
HOW TO ORDER
Table 1
Part Number Options
Part Number
Description
050-342-1D-1270
100Mbps-2.5Gbps, with DMI, 1270nm
050-342-1D-1290
100Mbps-2.5Gbps, with DMI, 1290nm
050-342-1D-1310
100Mbps-2.5Gbps, with DMI, 1310nm
050-342-1D-1330
100Mbps-2.5Gbps, with DMI, 1330nm
050-342-1D-1350
100Mbps-2.5Gbps, with DMI, 1350nm
050-342-1D-1370
100Mbps-2.5Gbps, with DMI, 1370nm
050-342-1D-1390
100Mbps-2.5Gbps, with DMI, 1390nm
050-342-1D-1410
100Mbps-2.5Gbps, with DMI, 1410nm
KEY FEATURES/BENEFITS
SFP Compatible Electrical I/O signal levels
CWDM DFB lasers to support up to 2.5 Gbps
PIN PD to support high sensitivity up to 4.25 Gbps
Industry standard CML input and outputs that
make for simple integration on customer host PCB
Glenair Rugged GC Optical connector
Transceiver is securely mounted with screws to
PCB to ensure excellent shock and vibration
performance
High-Speed Electrical plug-in connector eliminates
the need for soldering & enables ease of servicing
Compact Size: Approx. 0.8” x 0.9” x 0.5”
-40
°C to +85°C Operating Case Temperature
Glenair fiber jumpers connect from transceiver to
any Glenair Mil/Aero Fiber Optic Connector Style
Evaluation fixtures available
Digital Diagnostic and Monitoring (DMI) based on
SFF-8472
APPLICATIONS
Harsh Environment such as: Airborne, Tactical,
Railway, Industrial, Oil and Gas and Shipboard
applications
o
Ethernet, Fibrechannel, 1x, 2x, 4x,
SFPDP


Similar Part No. - 050-342

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-344 GLENAIR-050-344 Datasheet
1Mb / 16P
   FMC CONNECTIVITY CARD
More results

Similar Description - 050-342

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_352 GLENAIR-050_352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_354 GLENAIR-050_354 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_333 GLENAIR-050_333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com