Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-342 Datasheet(PDF) 5 Page - Glenair, Inc.

Part # 050-342
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-342 Datasheet(HTML) 5 Page - Glenair, Inc.

  050-342 Datasheet HTML 1Page - Glenair, Inc. 050-342 Datasheet HTML 2Page - Glenair, Inc. 050-342 Datasheet HTML 3Page - Glenair, Inc. 050-342 Datasheet HTML 4Page - Glenair, Inc. 050-342 Datasheet HTML 5Page - Glenair, Inc. 050-342 Datasheet HTML 6Page - Glenair, Inc. 050-342 Datasheet HTML 7Page - Glenair, Inc. 050-342 Datasheet HTML 8Page - Glenair, Inc. 050-342 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2013 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 5 of 15
E-mail: sales@glenair.com
050-342 Product Brief
PCB Mount CWDM Transceiver
100 Mbps – 2.5 Gbps, SMF, 3.3V
LABELING:
Each unit will be shipped in an individual antistatic bag. The label on the antistatic bag shall in Arial size 10 black
font and contain the following information:
ANTISTATIC BAG LABEL:
Glenair
Cage Code (06324)
Part Number (PN 050-xxx as required)
Date Code (DC xxxx)
Serial Number (SN 123456)
Each unit will be marked on the transceiver as follows. Either laser engraving or labeling may be used.
• Marking font to be Arial, greater than .08 inches in height.
• Marking:
FIRST LINE OF TEXT
• Glenair
• Serial Number (6 digits)
SECOND LINE OF TEXT:
• Part number
Example
GLENAIR SN123456
050-342-1D-1370


Similar Part No. - 050-342

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-344 GLENAIR-050-344 Datasheet
1Mb / 16P
   FMC CONNECTIVITY CARD
More results

Similar Description - 050-342

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_352 GLENAIR-050_352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_354 GLENAIR-050_354 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_333 GLENAIR-050_333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com