Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-321 Datasheet(PDF) 10 Page - Glenair, Inc.

Part # 050-321
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-321 Datasheet(HTML) 10 Page - Glenair, Inc.

Back Button 050-321 Datasheet HTML 6Page - Glenair, Inc. 050-321 Datasheet HTML 7Page - Glenair, Inc. 050-321 Datasheet HTML 8Page - Glenair, Inc. 050-321 Datasheet HTML 9Page - Glenair, Inc. 050-321 Datasheet HTML 10Page - Glenair, Inc. 050-321 Datasheet HTML 11Page - Glenair, Inc. 050-321 Datasheet HTML 12Page - Glenair, Inc. 050-321 Datasheet HTML 13Page - Glenair, Inc. 050-321 Datasheet HTML 14Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2014 Glenair, Inc.
REV: E
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 10 of 15
E-mail: sales@glenair.com
050-321 Product Brief
PCB Mount Transceiver
10 Mbps – 200 Mbps, MMF, 3.3V
FIGURE 4
RECOMMENDED HOST BOARD POWER SUPPLY FILTERING CIRCUIT
Fiber Compatibility
The transceiver is capable of transmission at 2 to 2000 meters with
50/125 μm fiber, and at 2 to 2000 meters with 62.5/
125 μm fiber, for 125 Mbps FDDI.
Electrostatic Discharge (ESD)
The Transceiver is compatible with ESD levels found in typical manufacturing and operating environments as described
JEDEC EIA JESD22-A114, Class 1C (<2000Volts) HBM. Glenair recommends that devices are handled with ESD
precautions to limit exposure to below 500V HBM.
There are two design cases in which immunity to ESD damage is important. The first case is during handling of the
transceiver prior to insertion to the host board. To protect the transceiver, it’s important to use standard industry ESD
handling precautions. These precautions include using grounded wrist straps, work benches, and floor mats in ESD
controlled areas. The ESD sensitivity of the Glenair PCB Mount Transceiver is compatible with typical industry production
environments.
The second case to consider is static discharges to the exterior of the host equipment after installation, in which case the
transceiver may be subject to system-level ESD requirements.


Similar Part No. - 050-321

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
logo
ITT Industries
050-324-7308229 ITT-050-324-7308229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-324-7309229 ITT-050-324-7309229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-325-7409229 ITT-050-325-7409229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
More results

Similar Description - 050-321

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_352 GLENAIR-050_352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_354 GLENAIR-050_354 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_333 GLENAIR-050_333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
050-333 GLENAIR-050-333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com