Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-321 Datasheet(PDF) 9 Page - Glenair, Inc.

Part # 050-321
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-321 Datasheet(HTML) 9 Page - Glenair, Inc.

Back Button 050-321 Datasheet HTML 5Page - Glenair, Inc. 050-321 Datasheet HTML 6Page - Glenair, Inc. 050-321 Datasheet HTML 7Page - Glenair, Inc. 050-321 Datasheet HTML 8Page - Glenair, Inc. 050-321 Datasheet HTML 9Page - Glenair, Inc. 050-321 Datasheet HTML 10Page - Glenair, Inc. 050-321 Datasheet HTML 11Page - Glenair, Inc. 050-321 Datasheet HTML 12Page - Glenair, Inc. 050-321 Datasheet HTML 13Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
©2014 Glenair, Inc.
REV: E
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 9 of 15
E-mail: sales@glenair.com
050-321 Product Brief
PCB Mount Transceiver
10 Mbps – 200 Mbps, MMF, 3.3V
provides the opportunity for Predictive Failure Identification, Compliance Prediction, Fault Isolation and Component
Monitoring.
Compliance Prediction
Compliance prediction is the ability to determine if an optical transceiver is operating within its operating and
environmental requirements. The PCB Mount Transceiver provide real-time access to transceiver internal supply voltage
and temperature, allowing a host to identify potential component compliance issues.
Fault Isolation
The fault isolation feature allows a host to quickly pinpoint the location of a link failure, minimizing downtime. For optical
links, the ability to identify a fault at a local device, remote device or cable plant is crucial to speeding service of an
installation. PCB Mount Transceiver real-time monitors of Vcc, and Temperature can be used to assess local transceiver
current operating conditions. In addition, status flag Rx Loss of Signal (LOS) is mirrored in memory and available via the
two-wire serial interface.
Component Monitoring
Component evaluation is another use of the PCB Mount Transceiver real-time monitors of Vcc, and Temperature.
Potential uses are as debugging aids for system installation and design, and transceiver parametric evaluation for factory
or field qualification. For example, temperature per module can be observed in high density applications to facilitate
thermal evaluation of systems that incorporate this PCB Mount Transceiver
Required Host Board Components
A power supply noise rejection filter as describe in SFP MSA is required on the host PCB to meet data sheet
performance. This is filter incorporates an inductor which should be rated to 600 mA DC and 0.5
Ω series resistance or
better. It should not be replaced with a ferrite. The required filter is illustrated in Figure 4. Also, the host PCB for the PCB
Mount Transceiver
requires 4.7 K to 10 KΩ pull-up resistors for LOS, SCA and SDL lines.


Similar Part No. - 050-321

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
logo
ITT Industries
050-324-7308229 ITT-050-324-7308229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-324-7309229 ITT-050-324-7309229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-325-7409229 ITT-050-325-7409229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
More results

Similar Description - 050-321

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_352 GLENAIR-050_352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_354 GLENAIR-050_354 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_333 GLENAIR-050_333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
050-333 GLENAIR-050-333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com