Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A431XSF Datasheet(PDF) 1 Page - AUK corp

Part # A431XSF
Description  Programmable Voltage Reference (Programmable output voltage to 20 volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

A431XSF Datasheet(HTML) 1 Page - AUK corp

  A431XSF Datasheet HTML 1Page - AUK corp A431XSF Datasheet HTML 2Page - AUK corp A431XSF Datasheet HTML 3Page - AUK corp A431XSF Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSI-2037-004
1
A431xSF
Programmable Voltage Reference
Features
• Programmable output voltage to 20 volts
• Sink current capability of 1.0mA to 100mA
• Low dynamic impedance 0.15Ω typical
• Temperature compensated for operation over full rated operating temperature
• Equivalent full-range temperature coefficient of 50ppm/°C (Typical)
• Low output Noise voltage
Ordering Information
Type NO.
Marking
Package Code
A431xSF
43
SOT-23F
: Grade => B : ±0.5%, A : ±1.0%
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
Symbol
PIN Connections
1. Cathode
2. Reference
3. Anode
Functional block diagram
3
1
2
2.4±0.1
1.6±0.1


Similar Part No. - A431XSF

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
A431XM AUK-A431XM Datasheet
368Kb / 4P
Programmable Voltage Reference (Programmable output voltage to 20 volts)
More results

Similar Description - A431XSF

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431XM AUK-A431XM Datasheet
368Kb / 4P
Programmable Voltage Reference (Programmable output voltage to 20 volts)
AF431XSF AUK-AF431XSF Datasheet
363Kb / 4P
Programmable Voltage Reference (Programmable output voltage to 20 volts)
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com