Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE15GD120T Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE15GD120T
Description  1200V, 15A, Trench NPT IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE15GD120T Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE15GD120T Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page 2
v1.0
NCE15GD120T
Pb Free Product
Thermal Characteristics
Symbol Parameter
Typ.
Max.
Units
R JC
Thermal Resistance, Junction to Case
-
0.57
°C/W
RJA
Thermal Resistance, Junction to Ambient
-
40
°C/W
Electrical Characteristics of the IGBT T
C=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Units
Off Characteristics
BVCES
Collector to Emitter
Breakdown Voltage
VGE=0V, Ic=1mA
1200
-
-
V
ICES
Collector Cut-Off Current
VCE= VCES, VGE=0V
-
-
1
mA
IGES
G-E Leakage Current
VGE= VGES, VCE=0V
-
-
+/-250
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC=15mA, VCE=VGE
4.0
5.5
7.0
V
IC=15A, VGE=15V
TC=25°C
-
2
2.5
V
VCE(sat)
Collector to Emitter Saturation
Voltage
IC=15A, VGE=15V
TC=125°C
-
2.15
-
V
Dynamic Characteristics
Cies
Input Capacitance
-
2350
-
pF
Coes
Output Capacitance
-
70
-
pF
Cres
Reverse Transfer
Capacitance
VCE=30V, VGE=0V,
f=1MHz
-
45
-
pF
Switching Characteristics
td(on)
Turn-On Delay Time
-
33
-
ns
tr
Rise Time
-
80
-
ns
td(off)
Turn-Off Delay Time
-
160
-
ns
tf
Fall Time
-
255
330
ns
Eon
Turn-On Switching Loss
-
0.3
-
mJ
Eoff
Turn-Off Switching Loss
-
0.58
0.74
mJ
Ets
Total Switching Loss
VCC=600V,IC=15A,
RG=10Ώ,VGE=15V,
Resistive Load,
TC=25°C
-
0.88
-
mJ
td(on)
Turn-On Delay Time
-
30
-
ns
tr
Rise Time
-
115
-
ns
td(off)
Turn-Off Delay Time
-
170
-
ns
tf
Fall Time
-
390
-
ns
Eon
Turn-On Switching Loss
-
0.38
-
mJ
Eoff
Turn-Off Switching Loss
-
0.89
-
mJ
Ets
Total Switching Loss
VCC=600V,IC=15A,
RG=10Ώ,VGE=15V,
Resistive Load,
TC=125°C
-
1.27
-
mJ
Qg
Total Gate Charge
-
100
-
nC
Qge
Gate to Emitter Charge
-
19
-
nC
Qgc
Gate to Collector Charge
VCC=600V,IC=15A,
VGE=15V
-
45
-
nC


Similar Part No. - NCE15GD120T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE15GD120P NCEPOWER-NCE15GD120P Datasheet
242Kb / 8P
1200V, 15A, Trench NPT IGBT
More results

Similar Description - NCE15GD120T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE15G120P NCEPOWER-NCE15G120P Datasheet
238Kb / 7P
1200V, 15A, Trench NPT IGBT
NCE15G120T NCEPOWER-NCE15G120T Datasheet
233Kb / 7P
1200V, 15A, Trench NPT IGBT
NCE15GD120P NCEPOWER-NCE15GD120P Datasheet
242Kb / 8P
1200V, 15A, Trench NPT IGBT
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
1200V NPT TRENCH IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
1200V NPT Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com