Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE15GD120T Datasheet(PDF) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE15GD120T
Description  1200V, 15A, Trench NPT IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE15GD120T Datasheet(HTML) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE15GD120T Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15GD120T Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page 6
v1.0
NCE15GD120T
Pb Free Product
Typical Performance Characteristics (Continued)
Figure13. Gate Charge Characteristics
Figure 14. SOA Characteristics
Figure 15. Turn-Off SOA
Figure 16. Transient Thermal Impedance of IGBT
Gate Charge, Qg (nC)
Collector Emitter Voltage, (V)
Collector Emitter Voltage, (V)


Similar Part No. - NCE15GD120T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE15GD120P NCEPOWER-NCE15GD120P Datasheet
242Kb / 8P
1200V, 15A, Trench NPT IGBT
More results

Similar Description - NCE15GD120T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE15G120P NCEPOWER-NCE15G120P Datasheet
238Kb / 7P
1200V, 15A, Trench NPT IGBT
NCE15G120T NCEPOWER-NCE15G120T Datasheet
233Kb / 7P
1200V, 15A, Trench NPT IGBT
NCE15GD120P NCEPOWER-NCE15GD120P Datasheet
242Kb / 8P
1200V, 15A, Trench NPT IGBT
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
1200V NPT TRENCH IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
1200V NPT Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com