Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145151P2 Datasheet(PDF) 23 Page - Motorola, Inc

Part # MC145151P2
Description  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145151P2 Datasheet(HTML) 23 Page - Motorola, Inc

Back Button MC145151P2 Datasheet HTML 19Page - Motorola, Inc MC145151P2 Datasheet HTML 20Page - Motorola, Inc MC145151P2 Datasheet HTML 21Page - Motorola, Inc MC145151P2 Datasheet HTML 22Page - Motorola, Inc MC145151P2 Datasheet HTML 23Page - Motorola, Inc MC145151P2 Datasheet HTML 24Page - Motorola, Inc MC145151P2 Datasheet HTML 25Page - Motorola, Inc MC145151P2 Datasheet HTML 26Page - Motorola, Inc MC145151P2 Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
23
MC14515X–2 FAMILY CHARACTERISTICS AND DESCRIPTIONS
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 10.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
except SW1, SW2
– 0.5 to VDD + 0.5
V
Vout
Output Voltage (DC or Transient),
SW1, SW2 (Rpull–up = 4.7 kΩ)
– 0.5 to + 15
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
IDD, ISS
Supply Current, VDD or VSS Pins
± 30
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature, 1 mm from Case for
10 seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
tables or Pin Descriptions section.
†Power Dissipation Temperature Derating:
Plastic DIP: – 12 mW/
°C from 65 to 85°C
SOG Package: – 7 mW/
°C from 65 to 85°C
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Symbol
Parameter
Test Condition
VDD
V
– 40
°C
25
°C
85
°C
Unit
Symbol
Parameter
Test Condition
VDD
V
Min
Max
Min
Max
Min
Max
Unit
VDD
Power Supply Voltage
Range
3
9
3
9
3
9
V
Iss
Dynamic Supply Current
fin = OSCin = 10 MHz,
1 V p–p ac coupled sine
wave
R = 128, A = 32, N = 128
3
5
9
3.5
10
30
3
7.5
24
3
7.5
24
mA
ISS
Quiescent Supply Current
(not including pull–up
current component)
Vin = VDD or VSS
Iout = 0 µA
3
5
9
800
1200
1600
800
1200
1600
1600
2400
3200
µA
Vin
Input Voltage — fin, OSCin Input ac coupled sine wave
500
500
500
mV p–p
VIL
Low–Level Input Voltage
— fin, OSCin
Vout ≥ 2.1 V
Input dc
Vout ≥ 3.5 V
coupled
Vout ≥ 6.3 V square wave
3
5
9
0
0
0
0
0
0
0
0
0
V
VIH
High–Level Input Voltage
— fin, OSCin
Vout ≤ 0.9 V
Input dc
Vout ≤ 1.5 V
coupled
Vout ≤ 2.7 V square wave
3
5
9
3.0
5.0
9.0
3.0
5.0
9.0
3.0
5.0
9.0
V
VIL
Low–Level Input Voltage
— except fin, OSCin
3
5
9
0.9
1.5
2.7
0.9
1.5
2.7
0.9
1.5
2.7
V
VIH
High–Level Input Voltage
— except fin, OSCin
3
5
9
2.1
3.5
6.3
2.1
3.5
6.3
2.1
3.5
6.3
V
Iin
Input Current (fin, OSCin)
Vin = VDD or VSS
9
± 2
± 50
± 2
± 25
± 2
± 22
µA
IIL
Input Leakage Current
(Data, CLK, ENB —
without pull–ups)
Vin = VSS
9
– 0.3
– 0.1
– 1.0
µA
IIH
Input Leakage Current (all
inputs except fin, OSCin)
Vin = VDD
9
0.3
0.1
1.0
µA
(continued)
These devices contain protection circuitry to
protect against damage due to high static
voltages or electric fields. However, precau-
tions must be taken to avoid applications of any
voltage higher than maximum rated voltages
to these high–impedance circuits. For proper
operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD
except for SW1 and SW2.
SW1 and SW2 can be tied through external
resistors to voltages as high as 15 V, indepen-
dent of the supply voltage.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD), except for inputs with pull–up devices.
Unused outputs must be left open.


Similar Part No. - MC145151P2

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145151P2 LANSDALE-MC145151P2 Datasheet
2Mb / 35P
Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
Freescale Semiconductor...
MC145151P2 FREESCALE-MC145151P2 Datasheet
600Kb / 24P
PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151P2 NXP-MC145151P2 Datasheet
916Kb / 24P
PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Similar Description - MC145151P2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com